Electronic Components Datasheet Search
  English  ▼

X  

2SC4956 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC4956
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC4956 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC4956 Datasheet HTML 1Page - Renesas Technology Corp 2SC4956 Datasheet HTML 2Page - Renesas Technology Corp 2SC4956 Datasheet HTML 3Page - Renesas Technology Corp 2SC4956 Datasheet HTML 4Page - Renesas Technology Corp 2SC4956 Datasheet HTML 5Page - Renesas Technology Corp 2SC4956 Datasheet HTML 6Page - Renesas Technology Corp 2SC4956 Datasheet HTML 7Page - Renesas Technology Corp 2SC4956 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
2SC4956
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Collector Cutoff Current
ICBO
0.1
µAVCB = 5 V, IE = 0
Emitter Cutoff Current
IEBO
0.1
µAVEB = 1 V, IC = 0
DC Current Gain
hFE
75
150
VCE = 3 V, IC = 5 mA*1
Gain Bandwidth Product
fT
12
GHz
VCE = 3 V, IC = 5 mA, f = 2.0 GHz
Feed back Capacitance
Cre
0.2
0.4
pF
VCB = 3 V, IE = 0, f = 1 MHz*2
Insertion Power Gain
|S21e|2
911
dB
VCE = 3 V, IC = 5 mA, f = 2.0 GHz
Noise Figure
NF
2.5
4.0
dB
VCE = 3 V, IC = 3 mA, f = 2.0 GHz
*1
Pulse Measurement; PW
≤ 350
µs, Duty Cycle ≤ 2 % Pulsed.
*2
Measured with 3 terminals bridge, Emitter and Case should be grounded.
hFE Classification
Rank
T82
Marking
T82
hFE
75 to 150
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA – Ambient Temperature – ˚C
COLLECTOR CURRENT
vs. BASE TO EMITTER VOLTAGE
VBE – Base to Emitter Voltage – V
50
200
100
0
50
100
150
60 mW
40
30
20
10
0
0.5
1
VCE = 3 V
Free Air



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com