Electronic Components Datasheet Search
  English  ▼

X  

APC77166 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # APC77166
Description  VDSL CPE Splitter / Protection Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

APC77166 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  APC77166 Datasheet HTML 1Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2003 Bel Fuse Inc. Specifications subject to change without notice. 05.20.03
Page 1
VDSL CPE Splitter / Protection Module
APC77166
FEATURES
•
Includes Line Port and POTS / ISDN Port Protection (voltage and current) /
VDSL filter / ISDN Splitter functions ITU-T K20 K21
•
Minimum Through-Hole Footprint for increased line card density
Description
Passband Freq
Stopband Freq
Stopband Attenuation
Impedance
J-ISDN LPF
0.2 kHz to 320 kHz
930 kHz to 12 MHz
65dB
110 Ohms
VDSL HPF
640 kHz to 12 MHz
0.2 kHz to 200 kHz
60dB
100 Ohms
LINE
–
–
–
100 Ohms
Top View
26.0
MAX
32.5
MAX
End View
13.0 MAX
SEATED
HEIGHT
3.0
±0.2
Recommended PCB Layout
10.16 in
2 places
27.15
±0.1
2.54 in
8 places
Recommended Hole
Ø 1.0 in 12 places
Ø0.76
5.7
Side View
0.5+/-0.1
Size
BLOCK DIAGRAM
MECHANICAL
ELECTRICAL SPECIFICATIONS@25°C
METALLICLINE
PROTECTION
VDSL
FILTER
POTS/ISDN
FILTER
VDSL+
VDSL-
POTS/ISDN+
POTS/ISDN-
LINE+
LINE-
METALLICPOTS
PROTECTION
NOTE: ALL DIMENSIONS IN MM
Pin No.
Signal
Pin No.
Signal
1
LINE P
7
POTS/ISDN N
2
N/C
8
N/C
3
LINE N
9
POTS/ISDN P
4
N/C
10
VDSL N
5
N/C
11
N/C
6
N/C
12
VDSL P


Similar Part No. - APC77166

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC77161 BEL-APC77161 Datasheet
151Kb / 2P
Asymmetric 2 Band VDSL Application
APC77162 BEL-APC77162 Datasheet
89Kb / 1P
Integrated CO Filter/Hybrid Solution VDSL / 10BaseS for Infineon PEB 22810/11/12/22 Chipset
APC77163 BEL-APC77163 Datasheet
89Kb / 1P
Integrated CPE Filter/Hybrid Solution VDSL / 10BaseS for Infineon PEB 22810/11/12/22 Chipset
APC77165 BEL-APC77165 Datasheet
52Kb / 1P
VDSL CO Splitter / Protection Module
More results

Similar Description - APC77166

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0803-7700-05 BEL-0803-7700-05 Datasheet
153Kb / 2P
VDSL / PSTN CPE Splitter
0803-7700-10 BEL-0803-7700-10 Datasheet
141Kb / 2P
VDSL/POTS CO/CPE Splitter
APC77131 BEL-APC77131 Datasheet
190Kb / 2P
VDSL Splitter Protection Module
APC77132 BEL-APC77132 Datasheet
175Kb / 2P
VDSL Splitter Protection Module
APC77133 BEL-APC77133 Datasheet
176Kb / 2P
VDSL Splitter Protection Module for J-ISDN
APC77134 BEL-APC77134 Datasheet
177Kb / 2P
VDSL Splitter Protection Module
APC77165 BEL-APC77165 Datasheet
52Kb / 1P
VDSL CO Splitter / Protection Module
logo
Bourns Electronic Solut...
3631 BOURNS-3631 Datasheet
46Kb / 1P
VDSL POTS Splitter
logo
Pulse A Technitrol Comp...
BX8270NL PULSE-BX8270NL Datasheet
111Kb / 1P
ADSL POTS CPE SPLITTER FILTER MODULE
logo
Bothhand USA, LP.
VS-2040 BOTHHAND-VS-2040 Datasheet
275Kb / 1P
VDSL CPE SIDE SPLITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com