Electronic Components Datasheet Search
  English  ▼

X  

B40 Datasheet(PDF) 1 Page - Coto Technology

Part # B40
Description  4-Channel RF Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

B40 Datasheet(HTML) 1 Page - Coto Technology

  B40 Datasheet HTML 1Page - Coto Technology B40 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
COTO TECHNOLOGY (USA) Tel: (401) 943-2686 / Fax (401) 942-0920
6 (Europe) Tel: +31-45-5439343 / Fax +31-45-5427216
B40 4-Channel RF Relays
Ball Grid Array 4-Channel Relays
The B40 is four independent form A channels in one quad package.
Coto’s Ball Grid Array (BGA) construction offers a breakthrough in
reed relay performance. This patented technology1 allows for shorter
RF paths in a controlled 50
Ω environment to minimize signal
attentuation. The designer is now able to switch or pass signals with
wider bandwidth and faster rise time than alternative technologies.
This is particularly important in Mixed Signal IC testers. This 4-in-one
BGA packaging allows relays to be integrated easily on boards designed
for surface mount processing.
Series Features
Applications
BGA Surface Mount
IC Testers
Ability to pass GHz signals
In-Line Relay Testers
Rise time < 40
ρSec
Memory Testers
50
Ω Characteristic Impedance
Mixed Signal Testers
Low Capacitance
High Bandpass Applications
Patented Design1
Dimensions in Inches
(Millimeters)
Notes:
1 Protected by one or more of the following
US Patents: 6025768, 6052045, 6294971,
6683518, RE38381 and other foreign patents.
Top View
Top View
Top View


Similar Part No. - B40

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
4-Channel RF Relays
logo
Micrel Semiconductor
B40 MICREL-B40 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
logo
EIC discrete Semiconduc...
B40-1500R EIC-B40-1500R Datasheet
23Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Magnetrol International...
B40-1F30-FKB MAGNETROL-B40-1F30-FKB Datasheet
457Kb / 20P
Liquid Level Switches
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
B40 Liquid Level Switch
More results

Similar Description - B40

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N Datasheet
120Kb / 6P
4 Pin SOP OptoMOS Relays
logo
Coto Technology
B10 COTO-B10 Datasheet
87Kb / 2P
RF Relays
B41-0002 COTO-B41-0002 Datasheet
357Kb / 2P
4-Channel RF Relays
logo
Tyco Electronics
HF3 MACOM-HF3 Datasheet
1Mb / 12P
Signal and RF Relays
logo
RHOPOINT COMPONENTS
B10 RHOPOINT-B10 Datasheet
122Kb / 2P
RF Relays
B40 RHOPOINT-B40 Datasheet
130Kb / 2P
4-Channel RF Relays
logo
Tyco Electronics
1-1462051-2 MACOM-1-1462051-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
List of Unclassifed Man...
1462050-2 ETC2-1462050-2 Datasheet
645Kb / 6P
RF Signal Relays
logo
Teledyne Technologies I...
RF180-5 TELEDYNE-RF180-5 Datasheet
235Kb / 6P
MAGNETIC-LATCHING, BROADBAND RF RELAYS DPDT
logo
Coto Technology
B41 COTO-B41 Datasheet
353Kb / 2P
B41 4-Channel RF Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com