Electronic Components Datasheet Search
  English  ▼

X  

AL6-LP Datasheet(PDF) 10 Page - IDEC Corporation

Part # AL6-LP
Description  A6 Series — Miniature Switches and Pilot Devices: 16mm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

AL6-LP Datasheet(HTML) 10 Page - IDEC Corporation

Back Button AL6-LP Datasheet HTML 6Page - IDEC Corporation AL6-LP Datasheet HTML 7Page - IDEC Corporation AL6-LP Datasheet HTML 8Page - IDEC Corporation AL6-LP Datasheet HTML 9Page - IDEC Corporation AL6-LP Datasheet HTML 10Page - IDEC Corporation AL6-LP Datasheet HTML 11Page - IDEC Corporation AL6-LP Datasheet HTML 12Page - IDEC Corporation AL6-LP Datasheet HTML 13Page - IDEC Corporation AL6-LP Datasheet HTML 14Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ø16mm - A6 Series
Switches & Pilot Devices
550
www.IDEC.com
1705151131
Accessories
Appearance
Description
Used With
Part Number
Locking Ring
Wrench
Made of metal. Used for tightening plastic locking ring during
installation. Tightening torque should not exceed 3kgf-cm
Ø 5/8” (16mm) units
MT-001
Ø 31/64” (12mm) AP2M units
MT-002
Ø 13/32” (10mm) AP1M units
MT-003
Lens Removal Tool
Made of metal. Used for removing lens or button from the housing
All pushbuttons and pilot lights
MT-101
Lamp Holder Tool
Made of rubber. Used for removing and replacing LED lamps in
illuminated units
All illuminated pushbuttons and pilot
lights
OR-77
Switch Guard
Prevents inadvertent switch operation. IP40 dust-tight.
90 degrees opening maintained
Round/Square
AL-K6
Rectangular
AL-KH6
Prevents inadvertent switch operation. IP65 oiltight
180 degrees opening, spring return
Round/Square
AL-K6SP
Rectangular
AL-KH6SP
Terminal Cover
Made of translucent nylon. Fits over and shields the terminals
All 5/8” (16mm) units
AL-V6
Dust Cover
Fits over the lens or button to provide extra protection from dust
(not applicable for oversize lenses or buttons).
All round units
AL-D6
All square units
AL-DQ6
All rectangular units
AL-DH6
Adaptor Socket
Plug-on terminal adaptor with solder terminals
All 5/8” (16mm) units
AL-C6
Plug-on terminal adaptor with PCB terminals
AL-C6V
Mounting Hole Plug
Fills unused panel cutouts. Made of nitrile rubber. Push-in
installation from front of panel. IP65 (oiltight).
Rubber
AL-B6
Fills unused panel cutouts. Made of aluminum. Screw-on locking
ring from inside of panel. IP65 (oiltight).
Aluminum
AL-BM6
Round Mounting Hole Plug
Plastic (Applicable for flush mount
switches only)
LA9Z-BS6
Square Mounting Hole Plug
LA9Z-BS7
Rectangular Mounting Hole Plug
LA9Z-BS8
Replacement
LED Lamps
LED with built in current limiting resistor (with all illuminated
assemblies).
5V DC
LATD-5 k
6V AC/DC
LATD-6 k
12V AC/DC
LATD-1 k
24V AC/DC
LATD-2 k
Replacement
Locking Ring
Fastens operators to panel (included with all operators).
All switches & pilot lights
HA9Z-LN
Anti-Rotation Ring
Prevents rotation of switches in panel
(included with all operators).
All switches & pilot lights
AL6-LP
Replacement
Engraving Inserts
Engraving plates to allow legends underneath translucent lenses
(included with all lenses).
Round standard
AL6M-W
Square standard
AL6Q-W
Rectangular standard
AL6H-W
Round oversize
AL6M-MW
Square/rectangular oversize
AL6Q-QW
Replacement Keys
Pair of keys (#132).
All key switches use same standard key.
All key selectors
AS6-SK
1. In place of k specify color code. A=Amber, G=Green, Y=Yellow, R=Red, S=Blue, W=Warm White, JW=Cool White.
2. LEDs include built-in current limiting resistor and reverse polarity protection diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com