Electronic Components Datasheet Search
  English  ▼

X  

BF495 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BF495
Description  NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BF495 Datasheet(HTML) 1 Page - Continental Device India Limited

  BF495 Datasheet HTML 1Page - Continental Device India Limited BF495 Datasheet HTML 2Page - Continental Device India Limited BF495 Datasheet HTML 3Page - Continental Device India Limited BF495 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
BF494
BF495
TO-92
Plastic Package
High Voltage Video Transistors
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
Value
UNITS
Collector Emitter Voltage
VCEO
20
V
Collector Base Voltage
VCBO
30
V
Emitter Base Voltage
VEBO
5V
Collector Current (DC)
IC
30
mA
Collector Current(peak value)
ICM
30
mA
Total Power dissipation up to
Ptot
300
mW
Tamb = 25ºC
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
420
K/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
Min
Max
UNITS
Collector Cut- off Current
ICBO
VCB=20V,IE=0
500
nA
Collector Cut - off Current
ICBO
VCB=20V,IE=0
Ta =150 ºC
4.0
µA
EmitterCut off Current
IEBO
VEB=4V, IC=0
500
nA
Base Emitter Voltage
VBE(ON)
VCE=10V,IC=1mA
0.65
0.74
V
DC Current Gain
BF494
hFE *
IC=1mA,VCE=10V
67
221
BF494A
200
500
BF494B
110
215
BF 495
35
125
BF 495C
65
135
BF 495D
40
85
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 4


Similar Part No. - BF495

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF495 PHILIPS-BF495 Datasheet
48Kb / 8P
NPN medium frequency transistors
1997 Jul 08
logo
Micro Electronics
BF495 MICRO-ELECTRONICS-BF495 Datasheet
117Kb / 2P
NPN SILICON RF SMALL SIGNAL TRANSISTOR
logo
Continental Device Indi...
BF495 CDIL-BF495 Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
logo
NXP Semiconductors
BF495B PHILIPS-BF495B Datasheet
48Kb / 8P
NPN medium frequency transistors
1997 Jul 08
logo
Continental Device Indi...
BF495C CDIL-BF495C Datasheet
226Kb / 2P
TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - BF495

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2063 ROHM-2SC2063 Datasheet
309Kb / 4P
RF Amplifier Epitaxial Planar NPN Silicon Transistors
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BF240 CDIL-BF240 Datasheet
269Kb / 3P
NPN SILICON PLANAR EPITAXIAL RF TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com