Electronic Components Datasheet Search
  English  ▼

X  

BAT721 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAT721
Description  40 V, 200 mA Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT721 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAT721 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT721 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Nexperia
BAT721
40 V, 200 mA Schottky barrier diode
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot023_fw
2.8
4.5
1.4
4.6
1.4
(2×)
1.2
(2×)
2.2
2.6
Dimensions in mm
Fig. 6. Wave soldering footprint for SOT23
BAT721
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
1 October 2022
5 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com