Electronic Components Datasheet Search
  English  ▼

X  

BC54PA Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC54PA
Description  45 V, 1 A NPN medium power transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC54PA Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC54PA Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC54PA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
BC54PA series
45 V, 1 A NPN medium power transistors
5. Pinning information
Table 2. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
Transparent top view
1
2
3
sym021
C
E
B
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BC54PA
BC54-10PA
BC54-16PA
-
plastic thermal enhanced ultra thin small outline package; no
leads; 3 terminals; body 2 x 2 x 0.65 mm
SOT1061
7. Marking
Table 4. Marking
Type number
Marking code
BC54PA
AT
BC54-10PA
BF
BC54-16PA
BG
BC54PA_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 9 — 6 January 2023
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com