Electronic Components Datasheet Search
  English  ▼

X  

BC849 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BC849
Description  NPN general purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC849 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BC849 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC849 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2004 Jan 16
4
NXP Semiconductors
Product data sheet
NPN general purpose transistors
BC849; BC850
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1.
VBEsat decreases by about 1.7 mV/K with increasing temperature.
2.
VBE decreases by about 2 mV/K with increasing temperature.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = 30 V
−
−
15
nA
IE = 0; VCB = 30 V; Tj = 150 °C
−
−
5
μA
IEBO
emitter cut-off current
IC = 0; VEB = 5 V
−
−
100
nA
hFE
DC current gain
IC = 10 μA; VCE = 5 V;
see Figs 2 and 3
BC849B; BC850B
−
240
−
BC849C; BC850C
−
450
−
DC current gain
IC = 2 mA; VCE = 5 V;
see Figs 2 and 3
BC849B; BC850B
200
290
450
BC849C; BC850C
420
520
800
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.5 mA
−
90
250
mV
IC = 100 mA; IB = 5 mA
−
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA; note 1
−
700
−
mV
IC = 100 mA; IB = 5 mA; note 1
−
900
−
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V; note 2
580
660
700
mV
IC = 10 mA; VCE = 5 V; note 2
−
−
770
mV
Cc
collector capacitance
IE = ie = 0; VCB = 10 V; f = 1 MHz
−
2.5
−
pF
Ce
emitter capacitance
IC = ic = 0; VEB = 500 mV; f = 1 MHz −
11
−
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
100
−
−
MHz
F
noise figure
IC = 200 μA; VCE = 5 V; RS = 2 kΩ;
f = 10 Hz to 15.7 kHz
−
−
4
dB
IC = 200 μA; VCE = 5 V; RS = 2 kΩ;
f = 1 kHz; B = 200 Hz
−
−
4
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com