Electronic Components Datasheet Search
  English  ▼

X  

EPBCP84 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EPBCP84
Description  ENCLOSED POWER DISTRIBUTION BLOCK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EPBCP84 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EPBCP84 Datasheet HTML 1Page - List of Unclassifed Manufacturers EPBCP84 Datasheet HTML 2Page - List of Unclassifed Manufacturers EPBCP84 Datasheet HTML 3Page - List of Unclassifed Manufacturers EPBCP84 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.marathonsp.com
2
PDS 0375 3/17/2021
Product Data Sheet
Termination Specifications
Line Side
Wire Size
(CU Stranded)
Torque
Wires /
Terminal
Wire Class (UL) 1
500 kcmil - #4 AWG
42.3 N·m
(375 lbf·in)
1
B, C
350 kcmil - #4 AWG
42.3 N·m
(375 lbf·in)
1
B, C, G, H, I, (DLO2)
•
Suitable for Class 2 Metric Wire, 240 - 25mm2
•
Wire strip length: 1 3/8 in. (35mm)
•
IP-20 protection:
•
Wire present and break-away tab installed - wire range: 3/0 - #4 AWG
•
Wire present and break-away tab removed - wire range: 500 kcmil - 4/0
•
No wire is present - remove tab and use plug (Catalog No. EPB-Plug-500)
•
Terminal screw drive: 8 mm hex
Load Side
Wire Size (CU
Stranded)
Torque
Wires/Terminal
Wire Class (UL) 1
2/0 - #4
13.6 N·m
(120 lbf·in)
1
B, C
50 - 16 mm2
#1 - #4
13.6 N·m
(120 lbf·in)
1
G, H, I (DLO)
#6
13.6 N·m
(120 lbf·in)
1-2
B, C, G, H, I (DLO)
16mm2
#8
4.5 N·m
(40 lbf·in)
1 - 2
B, C, G, H, I (DLO)
10mm2
#10 - #14
4 N·m
(35 lbf·in)
1 - 2
B, C
6 - 2.5 mm2
•
Solid copper wire range: #10 - 14 and 6-2.5 mm Class 1
•
Wire strip length:
•
top row: 3/4 in. (19 mm)
•
bottom row: 1 3/4 in. (44 mm)
•
IP-20 protection: 2/0 - 10 AWG
•
Terminal screw drive: 5 mm hex
1
For information on copper stranded wire classes please reference: http://www.marathonsp.com/Catalog-
PDFs/Flexible-Stranded-Wire.pdf
2
DLO 313 - 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com