Electronic Components Datasheet Search
  English  ▼

X  

LTC4011 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4011
Description  High Efficiency Standalone Nickel Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4011 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4011 Datasheet HTML 16Page - Linear Technology LTC4011 Datasheet HTML 17Page - Linear Technology LTC4011 Datasheet HTML 18Page - Linear Technology LTC4011 Datasheet HTML 19Page - Linear Technology LTC4011 Datasheet HTML 20Page - Linear Technology LTC4011 Datasheet HTML 21Page - Linear Technology LTC4011 Datasheet HTML 22Page - Linear Technology LTC4011 Datasheet HTML 23Page - Linear Technology LTC4011 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
LTC4011
4011p
APPLICATIO S I FOR ATIO
that programs the correct number of series cells when it
is connected to the charger, along with indicating chem-
istry and providing temperature information.
Any of these battery pack charge control concepts could
be combined in a variety of ways to service custom
application needs.
1. Input capacitors should be placed as close as possible
to switching FET supply and ground connections with
the shortest copper traces possible. The switching
FETs must be on the same layer of copper as the input
capacitors. Vias should not be used to make these
connections.
2. Place the LTC4011 close to the switching FET gate
terminals, keeping the connecting traces short to
produce clean drive signals. This rule also applies to
IC supply and ground pins that connect to the switch-
ing FET source pins. The IC can be placed on the
opposite side of the PCB from the switching FETs.
3. Place the inductor input as close as possible to the
drain of the switching FETs. Minimize the surface area
of the switch node. Make the trace width the minimum
needed to support the programmed charge current.
Use no copper fills or pours. Avoid running the con-
nection on multiple copper layers in parallel. Minimize
capacitance from the switch node to any other trace or
plane.
4. Place the charge current sense resistor immediately
adjacent to the inductor output, and orient it such that
current sense traces to the LTC4011 are short. These
feedback traces need to be run together as a single pair
with the smallest spacing possible on any given layer
on which they are routed. Locate any filter component
on these traces next to the LTC4011, and not at the
sense resistor location.
5. Place output capacitors adjacent to the sense resisitor
output and ground.
6. Output capacitor ground connections must feed into
the same copper that connects to the input capacitor
ground before tying back into system ground.
Figure 12. NiMH Battery Pack Indicating Number of Cells
Figure 13. High Speed Switching Path
PCB Layout Considerations
To prevent magnetic and electrical field radiation and high
frequency resonant problems, proper layout of the com-
ponents connected to the LTC4011 is essential. Refer to
Figure 13. For maximum efficiency, the switch node rise
and fall times should be minimized. The following PCB
design priority list will help ensure proper topology. Lay-
out the PCB using this specific order.
7
1500mAhr
NiMH CELLS
BATTERY
PACK
VTEMP
8
VCELL
R2
4
CHEM
4011 F12
+
–
10k
NTC
4011 F13
VBAT
L1
VIN
HIGH
FREQUENCY
CIRCULATING
PATH
BAT
SWITCH NODE
CIN
SWITCHING GROUND
COUT
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com