Electronic Components Datasheet Search
  English  ▼

X  

G4FUSECLIP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G4FUSECLIP
Description  FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G4FUSECLIP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G4FUSECLIP Datasheet HTML 1Page - List of Unclassifed Manufacturers G4FUSECLIP Datasheet HTML 2Page - List of Unclassifed Manufacturers G4FUSECLIP Datasheet HTML 3Page - List of Unclassifed Manufacturers G4FUSECLIP Datasheet HTML 4Page - List of Unclassifed Manufacturers G4FUSECLIP Datasheet HTML 5Page - List of Unclassifed Manufacturers G4FUSECLIP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE 2
OPTO 22 • 800-321-6786 • 1-951-695-3000 • www.opto22.com • sales@opto22.com
© 2002–2019 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
DATA SHEET
Form 0489-191230
FUSES FOR OPTO 22 MODULES
Opto 22 PN
Description
Fuse
AD3
4 to 20 mA Input
FUSE.125B
DA3
4 to 20 mA Output
FUSE.125B
DA8
0 to 20 mA Output
FUSE.125B
G4HDAR,BSC
G4HDAR for Bethlehem Steel
FUSE01G4B
G4IAC5M
G4 AC Input with Fuse Millar
FUSEG4B
G4IDC5GFAST
G4 DC Input with Fuse Millar
FUSEG4B
G4IDC5M
G4 DC Input with Fuse Millar
FUSEG4B
G4IDC5WF
G4 DC Input Module with Fuse FUSEG4B
G4OAC15
G4 AC Output 12–140 VAC,
15 VDC Logic
FUSEG4B
G4OAC15A
G4 AC Output 24–280 VAC,
15 VDC Logic
FUSEG4B
G4OAC24
G4 AC Output 12–140 VAC,
24 VDC Logic
FUSEG4B
G4OAC24A
G4 AC Output 24–280 VAC,
24 VDC Logic
FUSEG4B
G4OAC24A,
WEIDMULLER
G4 AC Output Module Weid-
muller
FUSEG4B
G4OAC24ADC
G4 AC Output
FUSEG4B
G4OAC24AFC
G4OAC24A with Fuse Clip
FUSEG4B
G4OAC24FC
G4OAC24 with Fuse Clip
FUSEG4B
G4OAC5
G4 AC Output 12–140 VAC,
5 VDC Logic
FUSEG4B
G4OAC5A
G4 AC Output 24–280 VAC,
5 VDC Logic
FUSEG4B
G4OAC5A5
G4 AC Output, 24–280 VAC,
5 VDC Logic, NC
FUSEG4B
G4OAC5A5FM
G4 AC Output 24–280 VAC,
5 VDC Logic , NC, FM
FUSEG4B
G4OAC5ADC
G4 AC Output
FUSEG4B
G4OAC5AFC-ABB
G4 AC Output
ABB-no.2005ap2
FUSEG4B
G4OAC5AFM
G4 AC Output 24–280 VAC,
5 VDC Logic, Factory Mutual
Approved
FUSEG4B
G4OAC5AMA
G4 AC Output 24–280 VAC,
5 VDC Logic with HOA/SW
FUSEG4B
G4OAC5FM
G4 AC Output 12–140 VAC,
5 VDC Logic, FM Approved
FUSEG4B
G4OAC5MA
G4 AC Output 12–140 VAC,
5 VDC Logic with HOA/SW
FUSEG4B
G4ODC15
G4 DC Output 5–60 VDC,
15 VDC Logic
FUSEG4B
G4ODC24
G4 DC Output 5–60 VDC,
24 VDC Logic
FUSEG4B
G4ODC24,
WEIDMULLER
G4ODC24 Private Label for
Weidmuller
FUSEG4B
G4ODC24A
G4 DC Output 5–200 VDC,
24 VDC Logic
FUSEG4B
G4ODC24AFC
G4ODC24A with Fuse Clip
FUSEG4B
G4ODC24FC
G4ODC24 with Fuse Clip
FUSEG4B
G4ODC5,
WEIDMULLER
G4ODC5 Private Label for
Weidmuller
FUSEG4B
G4ODC5
G4 DC Output 5–60 VDC,
5 VDC Logic
FUSEG4B
G4ODC5,
ELECTROC
EC-ODC060-3
FUSEG4B
G4ODC5,KENT
ABB Instrumentation
2005ap10100a
FUSEG4B
G4ODC5A
G4 DC Output 5–200 VDC,
5 VDC Logic
FUSEG4B
G4ODC5A,
ELECTRO
EC-ODC200-1
FUSEG4B
G4ODC5A,
KENT
ABB Instrumentation
2005ap10110a
FUSEG4B
G4ODC5AFM
G4 DC Output 5–200 VDC,
5 VDC Logic, FM Approved
FUSEG4B
G4ODC5FM
G4 DC Output 5–60 VDC,
5 VDC Logic, FM Approved
FUSEG4B
G4ODC5MA
G4 DC Output 5–60 VDC,
5 VDC Logic with HOA/SW
FUSEG4B
G4ODC5R
G4 Reed Relay Output, 5 VDC
Logic
FUSE01G4B
G4ODC5R5
G4 Reed Relay Output, 5 VDC
Logic, NC
FUSE01G4B
G4ODC5R5FM
G4 Reed Relay Output, 5 VDC
Logic, NC, FM Approved
FUSE01G4B
G4ODC5RFM
G4 Reed Relay Output, 5 VDC
Logic, FM Approved
FUSE01G4B
G4ODC5RFR
G4 Reed Relay Fr-epoxy
FUSE01G4B
SNAP-OAC5
4-channel AC Output 12–280
VAC, 5 VDC Logic
SNAP-FUSE
4AB
SNAP-ODC5ASNK
SNAP DC Output Reed Relay
SNAP-FUSE
4AB
SNAP-ODC5SNKFM
4 Channel DC Output 5–60
Logic Sinking
SNAP-FUSE
4AB
SNAP-ODC5SNK
4-channel DC Output 5–60
VDC, 5 VDC Logic Sink
SNAP-FUSE
4AB
SNAP-ODC5SRC
4-channel DC Output 5–60
VDC, 5 VDC Logic Source
SNAP-FUSE
4AB
SNAP-ODC5SRCFM
4-channel DC Output 5–60
VDC, 5 VDC FM Logic Source
SNAP-FUSE
4AB
SNAP-ODC5SRC-T
4-channel DC Output
Transient Protect
SNAP-FUSE
4AB
Opto 22 PN
Description
Fuse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com