Electronic Components Datasheet Search
  English  ▼

X  

PQ015 Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # PQ015
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ015 Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button PQ015 Datasheet HTML 7Page - Pico Technology Ltd. PQ015 Datasheet HTML 8Page - Pico Technology Ltd. PQ015 Datasheet HTML 9Page - Pico Technology Ltd. PQ015 Datasheet HTML 10Page - Pico Technology Ltd. PQ015 Datasheet HTML 11Page - Pico Technology Ltd. PQ015 Datasheet HTML 12Page - Pico Technology Ltd. PQ015 Datasheet HTML 13Page - Pico Technology Ltd. PQ015 Datasheet HTML 14Page - Pico Technology Ltd. PQ015 Datasheet HTML 15Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
PicoScope 2000 Series oscilloscopes
Advanced triggers
The PicoScope 2000 Series offers an industry-leading set of advanced triggers
including pulse width, windowed and dropout.
The digital trigger available on MSO models allows you to trigger the scope
when any or all of the 16 digital inputs match a user-defined pattern. You can
specify a condition for each channel individually, or set up a pattern for all
channels at once using a hexadecimal or binary value.
You can also use the logic trigger to combine the digital trigger with an edge
or window trigger on any of the analog inputs, for example to trigger on data
values in a clocked parallel bus.
Digital triggering architecture
In 1991, Pico Technology pioneered the use of digital triggering and precision hysteresis using the
actual digitized data. Traditionally, digital oscilloscopes have used an analog trigger architecture based
on comparators, which can cause time and amplitude errors that cannot always be calibrated out.
Additionally, the use of comparators can often limit the trigger sensitivity at high bandwidths and can
create a long trigger rearm delay.
Pico’s technique of fully digital triggering reduces trigger errors and allows our oscilloscopes to trigger
on the smallest signals, even at the full bandwidth, so you can set trigger levels and hysteresis with high
precision and resolution.
The digital trigger architecture also reduces the rearm delay. Combined with the segmented memory, this
enables you to use rapid triggering to capture 10 000 waveforms in 10 ms in 8-bit mode.
Custom probes
The custom probes feature allows you to correct
for gain, attenuation, offsets and nonlinearities
in probes, transducers and other sensors, and to
measure quantities other than voltages (such as
current, power or temperature).
Definitions for standard Pico-supplied probes
are built in, but you can also create your own
using linear scaling or even an interpolated data
table, and save them for later use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com