Electronic Components Datasheet Search
  English  ▼

X  

VC162373ADGG Datasheet(PDF) 13 Page - NXP Semiconductors

Part # VC162373ADGG
Description  16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC162373ADGG Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button VC162373ADGG Datasheet HTML 9Page - NXP Semiconductors VC162373ADGG Datasheet HTML 10Page - NXP Semiconductors VC162373ADGG Datasheet HTML 11Page - NXP Semiconductors VC162373ADGG Datasheet HTML 12Page - NXP Semiconductors VC162373ADGG Datasheet HTML 13Page - NXP Semiconductors VC162373ADGG Datasheet HTML 14Page - NXP Semiconductors VC162373ADGG Datasheet HTML 15Page - NXP Semiconductors VC162373ADGG Datasheet HTML 16Page - NXP Semiconductors VC162373ADGG Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
2004 Feb 05
13
Philips Semiconductors
Product specification
16-bit D-type transparent latch; 30
Ω series termination
resistors; 5 V tolerant inputs/outputs; 3-state
74LVC162373A;
74LVCH162373A
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.10 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
Note
1. The circuit performs better when RL = 1000 Ω.
VCC
VI
CL
RL
VEXT
tPLH/tPHL tPZH/tPHZ tPZL/tPLZ
1.2 V
VCC
50 pF
500
Ω(1) open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
Ω
open
GND
2
× VCC
3.0 to 3.6 V
2.7 V
50 pF
500
Ω
open
GND
2
× VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com