Electronic Components Datasheet Search
  English  ▼

X  

VC16241ADL Datasheet(PDF) 3 Page - NXP Semiconductors

Part # VC16241ADL
Description  16-bit buffer/line driver 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16241ADL Datasheet(HTML) 3 Page - NXP Semiconductors

  VC16241ADL Datasheet HTML 1Page - NXP Semiconductors VC16241ADL Datasheet HTML 2Page - NXP Semiconductors VC16241ADL Datasheet HTML 3Page - NXP Semiconductors VC16241ADL Datasheet HTML 4Page - NXP Semiconductors VC16241ADL Datasheet HTML 5Page - NXP Semiconductors VC16241ADL Datasheet HTML 6Page - NXP Semiconductors VC16241ADL Datasheet HTML 7Page - NXP Semiconductors VC16241ADL Datasheet HTML 8Page - NXP Semiconductors VC16241ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16241A
16-bit buffer/line driver (3-State)
1997 Jul 29
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1OE
Output enable input
(active LOW)
2, 3, 5, 6
1Y0 to 1Y3
Data outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
8, 9, 11, 12
2Y0 to 2Y3
Data outputs
13, 14, 16, 17
3Y0 to 3Y3
Data outputs
19, 20, 22, 23
4Y0 to 4Y3
Data outputs
24
4OE
Output enable input
(active LOW)
25
3OE
Output enable input
(active LOW)
30, 29, 27, 26
4A0 to 4A3
Data inputs
36, 35, 33, 32
3A0 to 3A3
Data inputs
41, 40, 38, 37
2A0 to 2A3
Data inputs
47, 46, 44, 43
1A0 to 1A3
Data inputs
48
2OE
Output enable input
(active LOW)
LOGIC SYMBOL
47
46
44
43
1
2
3
5
6
1A0
1A1
1A2
1A3
1OE
1Y0
1Y1
1Y2
1Y3
36
35
33
32
25
13
14
16
17
3A0
3A1
3A2
3A3
3OE
3Y0
3Y1
3Y2
3Y3
41
40
38
37
48
8
9
11
12
2A0
2A1
2A2
2A3
2OE
2Y0
2Y1
2Y2
2Y3
30
29
27
26
24
19
20
22
23
4A0
4A1
4A2
4A3
4OE
4Y0
4Y1
4Y2
4Y3
SW00146
LOGIC SYMBOL (IEEE/IEC)
SW00055
48
EN1
1
∇
46
44
43
41
40
38
37
36
EN2
EN3
EN4
1
2
∇
1
3
∇
1
4
∇
1
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
1OE
2OE
3OE
4OE
1A0
1A1
1A2
1A3
2A0
2A1
2A2
3A0
3A1
3A2
3A3
4A0
4A1
4A2
4A3
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
3Y0
3Y1
3Y2
3Y3
4Y0
4Y3
2A3
4Y1
4Y2
FUNCTION TABLES
INPUTS
OUTPUT
nOE
1An, 4An
1Yn, 4Yn
L
H
H
L
L
L
H
X
Z
INPUTS
OUTPUT
nOE
2An, 3An
2Yn, 3Yn
H
H
H
H
L
L
L
X
Z
H = HIGH voltage level
L = LOW voltage level
X = don’t care
Z = high impedance OFF-state



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com