Electronic Components Datasheet Search
  English  ▼

X  

TDA4471 Datasheet(PDF) 13 Page - TEMIC Semiconductors

Part # TDA4471
Description  Multistandard Video-IF and Quasi Parallel Sound Processing
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TDA4471 Datasheet(HTML) 13 Page - TEMIC Semiconductors

Back Button TDA4471 Datasheet HTML 8Page - TEMIC Semiconductors TDA4471 Datasheet HTML 9Page - TEMIC Semiconductors TDA4471 Datasheet HTML 10Page - TEMIC Semiconductors TDA4471 Datasheet HTML 11Page - TEMIC Semiconductors TDA4471 Datasheet HTML 12Page - TEMIC Semiconductors TDA4471 Datasheet HTML 13Page - TEMIC Semiconductors TDA4471 Datasheet HTML 14Page - TEMIC Semiconductors TDA4471 Datasheet HTML 15Page - TEMIC Semiconductors TDA4471 Datasheet HTML 16Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TELEFUNKEN Semiconductors
TDA4471
Preliminary Information
Rev. A1: 18.08.1995
13 (16)
Internal Pin Configuration
1
2
2 k
W
2 k
W
20 k
W
3 V
95 9835
Figure 5.
Sound IF inputs (Pin1–2)
94 8523
5
Figure 6.
SIF–AGC time constant (Pin 5)
95 9831
2 k
W
2 k
W
2.3 V
4.2 V
6
7
Figure 7.
Video IF input (Pin 6–7)
94 8525
8
Figure 8.
VIF–AGC time constant (Pin 8)
900
W
14 k
W
95 9832
+ 3.5 V
12
7 k
W
7 k
W
Figure 9.
Tuner AGC – take over point (Pin 12)
13
95 9817
Figure 10.
Tuner AGC – output (Pin 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com