Electronic Components Datasheet Search
  English  ▼

X  

74LVC163 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC163
Description  Presettable synchronous 4-bit binary counter; synchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC163 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC163 Datasheet HTML 3Page - NXP Semiconductors 74LVC163 Datasheet HTML 4Page - NXP Semiconductors 74LVC163 Datasheet HTML 5Page - NXP Semiconductors 74LVC163 Datasheet HTML 6Page - NXP Semiconductors 74LVC163 Datasheet HTML 7Page - NXP Semiconductors 74LVC163 Datasheet HTML 8Page - NXP Semiconductors 74LVC163 Datasheet HTML 9Page - NXP Semiconductors 74LVC163 Datasheet HTML 10Page - NXP Semiconductors 74LVC163 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LVC163
Presettable synchronous 4-bit binary counter;
synchronous reset
1998 May 20
7
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
V
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level Input voltage
VCC = 2.7 to 3.6V
2.0
V
V
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level Input voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
VO
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
V
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –12mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*1.0
VCC = 2.7V; VI = VIH or VIL; IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = 100µA
GND
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
I
Input leakage current
V
=3 6V; V = 5 5V or GND
"01
"5
µA
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND
"0.1
"5
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
10
µA
∆ICC
Additional quiescent supply current per
input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL
tPLH
Propagation delay
CP to Qn
1
–
4.9
8.0
–
9.0
24
ns
tPHL
tPLH
Propagation delay
CP to TC
1
–
5.7
9.5
–
11
28
ns
tPHL
tPLH
Propagation delay
CET to TC
2
–
4.5
7.8
–
8.8
19
ns
tW
Clock pulse width
HIGH or LOW
1
4.0
1.2
–
5.0
–
–
ns
tsu
Set-up time
Dn to CP
3, 4
2.5
1.0
–
3.0
–
–
ns
tsu
Set-up time
MR, PE to CP
4
3.0
1.2
–
3.5
–
–
ns
tsu
Set-up time
CEP, CET to CP
5
5.0
2.1
–
5.5
–
–
ns
th
Hold time
Dn, PE, CEP, CET, MR to CP
3, 4, and 5
0
–1.7
–
0
–
–
ns
fmax
Maximum clock
pulse frequency
1
125
200
–
110
–
–
MHz
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com