Electronic Components Datasheet Search
  English  ▼

X  

V7PC-10B Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # V7PC-10B
Description  NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

V7PC-10B Datasheet(HTML) 8 Page - Bel Fuse Inc.

  V7PC-10B Datasheet HTML 1Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 2Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 3Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 4Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 5Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 6Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 7Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 8Page - Bel Fuse Inc. V7PC-10B Datasheet HTML 9Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2002 Bel Fuse Inc. Specifications subject to change without notice. 02.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02V7PC-10B
5V Input / 1.5 – 3.3V Output / 10A
Thermal Considerations
Derating Curve
300LFM
Natural
Convection
Output Current vs. Local Ambient
Temperature and Air Velocity
Ambient Temperature, Ta (˚C)
0˚C
10˚C
20˚C
30˚C
40˚C
50˚C
60˚C
70˚C
0
2
4
6
8
10
page 8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com