Electronic Components Datasheet Search
  English  ▼

X  

WR5000MN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WR5000MN
Description  The WR5000M is a 120V 700W five channel digital
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WR5000MN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WR5000MN Datasheet HTML 1Page - List of Unclassifed Manufacturers WR5000MN Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA
Dimensions L x W x H
11.0 x 9.4 x 4.0 in
Automatic Tool Identification
Yes
Capacity (l/min)
18 l/min
Desoldering
Yes
Equipotential Bonding
Yes
Equipotential Bonding Socket
Via 3.5mm Pawl Socket on Back of Device
(Hard-Grounded)
ESD Safe
Yes
Hot Air (picto)
Yes
IPC Compliant
(Tip to Ground) Corresponds to IPC-J-001
Maximum Hot Air Flow Rate l/min (Depends on
Tool)
15 l/min
Maximum Volume
0.7 bar
Number of Channels
3
Overcurrent Release
2.0 A
Power
700 W
Temperature Accuracy °C
± 9 °C
Temperature Accuracy °F
± 17 °F
Temperature Range °C
93 - 454 °C
Temperature Range °F
199 - 849 °F
Temperature Stability °C
±2 °C
Temperature Stability °F
±4 °F
Tip Type
WT
UPC
037103304506
USB
Yes
Vacuum
0.7 bar (79 kPA) (8 psi)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com