Electronic Components Datasheet Search
  English  ▼

X  

VC16245ADL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # VC16245ADL
Description  16-bit bus transceiver with direction pin; 5V tolerant 3-State
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16245ADL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button VC16245ADL Datasheet HTML 5Page - NXP Semiconductors VC16245ADL Datasheet HTML 6Page - NXP Semiconductors VC16245ADL Datasheet HTML 7Page - NXP Semiconductors VC16245ADL Datasheet HTML 8Page - NXP Semiconductors VC16245ADL Datasheet HTML 9Page - NXP Semiconductors VC16245ADL Datasheet HTML 10Page - NXP Semiconductors VC16245ADL Datasheet HTML 11Page - NXP Semiconductors VC16245ADL Datasheet HTML 12Page - NXP Semiconductors VC16245ADL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74LVC_LVCH16245A_8
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 08 — 6 November 2008
9 of 19
NXP Semiconductors
74LVC16245A; 74LVCH16245A
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 °C.
[2]
The bus hold circuit is switched off when VI >VCC allowing 5.5 V on the input terminal.
[3]
For I/O ports the parameter IOZ includes the input leakage current.
[4]
Valid for data inputs of bus hold parts only (74LVCH16245A). Note that control inputs do not have a bus hold circuit.
[5]
The specified sustaining current at the data input holds the input below the specified VI level.
[6]
The specified overdrive current at the data input forces the data input to the opposite input state.
10. Dynamic characteristics
IBHHO
bus hold
overdrive current
HIGH
VCC = 3.6 V
[4][6]
−500
-
-
−500
-
µA
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 9.
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
tpd
propagation
delay
nAn to nBn; nBn to nAn; see Figure 7
[1]
VCC = 1.2 V
-
13.0
-
-
-
ns
VCC = 2.7 V
1.0
2.7
4.7
1.0
6.0
ns
VCC = 3.0 V to 3.6 V
[2]
1.0
2.2
4.5
1.0
6.0
ns
ten
enable time
nOE to nAn, nBn; see Figure 8
[1]
VCC = 1.2 V
-
15.0
-
-
-
ns
VCC = 2.7 V
1.5
3.6
6.7
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
[2]
1.0
2.8
5.5
1.0
7.0
ns
tdis
disable time
nOE to nAn, nBn; see Figure 8
[1]
VCC = 1.2 V
-
11.0
-
-
-
ns
VCC = 2.7 V
1.5
3.4
6.6
1.5
8.5
ns
VCC = 3.0 V to 3.6 V
[2]
1.5
3.2
5.6
1.5
7.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com