Electronic Components Datasheet Search
  English  ▼

X  

S7DB-08C Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # S7DB-08C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

S7DB-08C Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button S7DB-08C Datasheet HTML 5Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 6Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 7Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 8Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 9Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 10Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 11Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 12Page - Bel Fuse Inc. S7DB-08C Datasheet HTML 13Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2002 Bel Fuse Inc.
Specifications subject to change without notice. 08.02
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP02S7DB-08C
3.3V Input / 1.2V – 2.5V Output / 8A
page 13
Mechanical
n
i
P
n
o
i
t
c
n
u
F
1d
n
u
o
r
G
2d
n
u
o
r
G
3d
n
u
o
r
G
4d
n
u
o
r
G
5n
i
V
+
6n
i
V
+
7m
i
r
T
8f
f
O
/
n
O
e
t
o
m
e
R
9)
+
(
e
s
n
e
S
e
t
o
m
e
R
0
1o
V
+
1
1o
V
+
2
1o
V
+
0.827
[21.00]
0.102
[2.60]
0.118 [3.00]
0.197 [5.00]
0.345
[8.75]
1.22
[31.00]
0.079
[2.00]
0.669
[17.00]
1 2 3 45 6
12 11 10 9 8 7
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com