Electronic Components Datasheet Search
  English  ▼

X  

FT16 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FT16
Description  LOGIC LEVEL TRIAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT16 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FT16 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT16 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT16 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT16 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
10
100
1000
180
160
140
120
100
80
60
40
20
0
I TSM (A)
Number of cycles
1E+0
1E-1
1E-2
K=[Zth / Rth]
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
tp (s)
IT(RMS)(A)
Jul - 02
Fig. 1: Maximum power dissipation versus
RMS on-state curren (full cycle).
0
25
50
75
100
125
Fig. 2: RMS on-state current versus case
temperature (full cycle).
Fig. 3: : Relative variation of thermal
impedance versus pulse duration.
Fig. 5: Surge peak on-state current versus
number of cycles
Fig. 6: Non-repetitive surge peak on-state
current for a sinusoidal pulse with width
tp<10ms, and corresponding value of I
2t.
Fig. 4: On-state characteristics (maximum
values)
FT16...H
LOGIC LEVEL TRIAC
P (W)
Tc (ºC)
IT(RMS)(A)
0
2
4
6
16
8
10 12 14
0
2
4
6
16
8
10
12
14
18
20
0
2
4
6
16
8
10
12
14
18
200
100
10
1
ITM (A)
0.5 1.0 1.5 2.0 2.5 3.0
5.0
VTM (V)
Zth(j-c)
Zth(j-a)
3.5 4.0 4.5
Tj = 25 ºC
Tj max
Tj max
Vto = 0.55 V
Rt = 25m
Ω
0.01
0.10
1.00
10.00
3000
1000
100
I TSM (A), I
2 t (A2s)
tp (ms)
Non repetitive
Tj initial = 25 ºC
Repetitive
Tc = 85 ºC
Tj initial = 25 ºC
ITSM
I
2t
dl/dt limitation
50A/µs
t=20ms
One cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com