Electronic Components Datasheet Search
  English  ▼

X  

C2Q Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # C2Q
Description  Surface Mount Very Fast-Acting Chip Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

C2Q Datasheet(HTML) 1 Page - Bel Fuse Inc.

  C2Q Datasheet HTML 1Page - Bel Fuse Inc. C2Q Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
14 h s
rA
/
N
%
0
0
2A
/
N
c
e
s
5
%
0
0
3A
/
Nc
e
s
2
.
0
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
n
o
c
e
R
C
A
V
2
3
/
A
4
-
A
m
0
5
2A
5
3
@
C
D
V
3
6
d
n
aA
0
5
@
A
0
5
@
C
D
&
C
A
V
2
3
/
A
5
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
0
5
2
Q
2
C
A
m
0
5
20
7
.
07
7
2
.
02
0
0
.
01
0
0
0
.
08
0
.
0
0
0
3
Q
2
CA
m
0
0
32
5
.
09
5
2
.
03
0
0
.
01
0
0
0
.
00
1
.
0
5
7
3
Q
2
C
A
m
5
7
31
4
.
05
4
2
.
05
0
0
.
02
0
0
0
.
01
1
.
0
0
0
5
Q
2
CA
m
0
0
59
2
.
07
2
2
.
09
0
0
.
04
0
0
0
.
03
1
.
0
0
5
7
Q
2
C
A
m
0
5
77
1
.
03
0
2
.
00
2
0
.
01
1
0
0
.
08
1
.
0
1
Q
2
C
A
10
2
1
.
09
8
1
.
06
3
0
.
02
0
0
.
03
2
.
0
5
2
.
1
Q
2
C
A
5
2
.
10
9
0
.
00
8
1
.
08
5
0
.
04
0
0
.
07
2
.
0
5
.
1
Q
2
C
A
5
.
13
7
0
.
04
7
1
.
04
8
0
.
06
0
0
.
01
3
.
0
2
Q
2
C
A
23
5
0
.
06
6
1
.
05
1
.
01
1
0
.
00
4
.
0
5
.
2
Q
2
C
A
5
.
21
4
0
.
02
6
1
.
04
2
.
09
1
0
.
09
4
.
0
3
Q
2
C
A
34
3
0
.
00
6
1
.
06
3
.
00
3
0
.
08
5
.
0
5
.
3
Q
2
C
A
5
.
38
2
0
.
00
6
1
.
00
5
.
04
4
0
.
08
6
.
0
4
Q
2
C
A
45
2
0
.
00
6
1
.
03
6
.
09
5
0
.
06
7
.
0
5
Q
2
C
A
51
2
0
.
04
6
1
.
05
0
.
13
0
1
.
08
9
.
0
Type C2Q
Surface Mount Very Fast-Acting Chip Fuse
0603 size
C2QD1005
EC2QD1005A1
Consult manufacturer for other ratings
Physical Specification
Materials
Ceramic Substrate / Printed Element
Marking
On fuse:
None
Label on reel :
“bel”,“C2Q”, “Current Rating”, “Voltage Rating”,“ Interrupting Rating”,
“Appropriate Safety Logos” and “
” for RoHS Version
Packaging
5,000 fuses in 7 inches dia. reel, 8 mm wide tape, 4 mm pitch per EIA-481
(equivalent IEC-286 part 3)
Mechanical Dimensions
C2Q
19
1.60mm +0.13
mm
(0.063" +0.005
")
0.76mm
(0.03 ")
Protective Overglaze
Element
Ti n Plating
Nickel Barrier
Sliver Metalization
Ceramic Substrate
0.30mm +0.10mm
(0.012
" +0.004")
-
0.48mm+
0.08mm
(0.019"+0
.003")
-
0.76mm
(0.03 ")
1.27mm
(0.05 ")
0.66mm
(0.026 ")
PAD LAYOUT RECOMMENDED
FOR WAVE SOLDER
PAD LAYOUT RECOMMENDED
FOR INFRARED SOLDER
1.02mm
(0.04")
0.76mm
(0.03 ")
0.79mm +0.10mm
(0.031
" + 0.004")
-
_
_
-
-
-
RoHS Compliant
RoHS Compliant Product
RoHS Reflow Reference : JEDEC J-STD-020C (260
°C,40 sec max)
RoHSWave Soldering Compatible : (260
°C,10 sec max)
Environmental Specification
Shock Resistance
MIL-STD-202G, Method 213B,Test Condition I
(100 G’s peak for 6 milliseconds; Sawtooth Waveform)
Vibration Resistance
MIL-STD-202G, Method 201A (10-55 Hz, 0.06 inch, total excursion)
Salt Spray Resistance
MIL-STD-202G, Method 101E,Test condition B (48 hrs)
Insulation Resistance
MIL-STD-202G, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202G, Method 208H
Soldering Heat Resistance
MIL-STD-202G Method 210F, Test Condition C.Top Side
(260
°C, 20 sec)
MIL-STD-202G Method 210F, Test Condition D. Bottom Side
(260
°C,10sec)
Thermal Shock Resistance
MIL-STD-202G, Method 107G,Test Condition B
(-65
°C to +125°C)
Operating Temperature
-55
°C to +125°C
Approvals
Electrical Characteristics
(UL STD. 248-14)
r c
r


Similar Part No. - C2Q

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C2Q BEL-C2Q Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q Datasheet
554Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
Feb2025
C2Q 1 BEL-C2Q 1 Datasheet
554Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
Feb2025
C2Q 1.25 BEL-C2Q 1.25 Datasheet
554Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
Feb2025
C2Q 1.5 BEL-C2Q 1.5 Datasheet
554Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
Feb2025
More results

Similar Description - C2Q

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
C2Q BEL-C2Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com