Electronic Components Datasheet Search
  English  ▼

X  

VC16373ADGG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # VC16373ADGG
Description  16-bit D-type transparent latch with 5 Volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16373ADGG Datasheet(HTML) 5 Page - NXP Semiconductors

  VC16373ADGG Datasheet HTML 1Page - NXP Semiconductors VC16373ADGG Datasheet HTML 2Page - NXP Semiconductors VC16373ADGG Datasheet HTML 3Page - NXP Semiconductors VC16373ADGG Datasheet HTML 4Page - NXP Semiconductors VC16373ADGG Datasheet HTML 5Page - NXP Semiconductors VC16373ADGG Datasheet HTML 6Page - NXP Semiconductors VC16373ADGG Datasheet HTML 7Page - NXP Semiconductors VC16373ADGG Datasheet HTML 8Page - NXP Semiconductors VC16373ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16373A/
74LVCH16373A
16-bit D-type transparent latch with 5 Volt tolerant
inputs/outputs (3-State)
1998 Mar 17
5
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum Rating System (IEC 134).
Voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +6.5
V
IIK
DC input diode current
VI t 0
–50
mA
VI
DC input voltage
Note 2
–0.5 to +6.5
V
IOK
DC output diode current
VO uVCC or VO t 0
"50
mA
VO
DC output voltage; output HIGH or LOW state
Note 2
–0.5 to VCC +0.5
V
VO
DC output voltage; output 3-State
Note 2
–0.5 to 6.5
V
IO
DC output source or sink current
VO = 0 to VCC
"50
mA
IGND, ICC
DC VCC or GND current
"100
mA
Tstg
Storage temperature range
–65 to +150
°C
Power dissipation per package
PTOT
– plastic mini-pack (SO)
above +70
°C derate linearly with 8 mW/K
500
mW
– plastic shrink mini-pack (SSOP and TSSOP)
above +60
°C derate linearly with 5.5 mW/K
500
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIH
HIGH level Input voltage
VCC = 1.2V
VCC
V
VIH
HIGH level In ut voltage
VCC = 2.7 to 3.6V
2.0
V
VIL
LOW level Input voltage
VCC = 1.2V
GND
V
VIL
LOW level In ut voltage
VCC = 2.7 to 3.6V
0.8
V
VCC = 2.7V; VI = VIH or VIL; IO = –12mA
VCC*0.5
V
V
=3 0V; V =V
or V ; I = 100
µA
V
02
V
VO
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –100µA
VCC*0.2
VCC
VOH
HIGH level output voltage
VCC = 3.0V; VI = VIH or VIL; IO = –18mA
VCC*0.6
V
VCC = 3.0V; VI = VIH or VIL; IO = –24mA
VCC*0.8
VCC = 2.7V; VI = VIH or VIL;IO = 12mA
0.40
VOL
LOW level output voltage
VCC = 3.0V; VI = VIH or VIL;IO = 100µA
0.20
V
VCC = 3.0V; VI = VIH or VIL; IO = 24mA
0.55
II
Input leakage current
VCC = 3.6V; VI = 5.5V or GND6
"0.1
"5
µA
IOZ
3-State output OFF-state current
VCC = 3.6V; VI = VIH or VIL;VO = 5.5V or GND
0.1
"5
µA
Ioff
Power off leakage supply
VCC = 0.0V; VI or VO = 5.5V
"10
µA
ICC
Quiescent supply current
VCC = 3.6V; VI = VCC or GND; IO = 0
0.1
20
µA
∆ICC
Additional quiescent supply
current per input pin
VCC = 2.7V to 3.6V; VI = VCC –0.6V; IO = 0
5
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com