Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G66 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC1G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G66 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC1G66 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2004 Apr 13
3
Philips Semiconductors
Product specification
Bilateral switch
74LVC1G66
FUNCTION TABLE
See note 1.
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT E
SWITCH
L
OFF
HON
TYPE NUMBER
PACKAGE
TEMPERATURE
RANGE
PINS
PACKAGE
MATERIAL
CODE
MARKING
74LVC1G66GW
−40 to +125 °C
5
SC-88A
plastic
SOT353
VL
74LVC1G66GV
−40 to +125 °C
5
SC-74A
plastic
SOT753
V66
PIN
SYMBOL
DESCRIPTION
1
Y
independent input/output
2
Z
independent output/input
3
GND
ground (0 V)
4
E
enable input (active HIGH)
5VCC
supply voltage
handbook, halfpage
1
2
3
5
4
MNA074
66
VCC
Z
E
GND
Y
Fig.1 Pin configuration.
handbook, halfpage
MNA657
Y
E
Z
Fig.2 Logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com