Electronic Components Datasheet Search
  English  ▼

X  

M58LR128FT Datasheet(PDF) 57 Page - STMicroelectronics

Part # M58LR128FT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT Datasheet(HTML) 57 Page - STMicroelectronics

Back Button M58LR128FT Datasheet HTML 53Page - STMicroelectronics M58LR128FT Datasheet HTML 54Page - STMicroelectronics M58LR128FT Datasheet HTML 55Page - STMicroelectronics M58LR128FT Datasheet HTML 56Page - STMicroelectronics M58LR128FT Datasheet HTML 57Page - STMicroelectronics M58LR128FT Datasheet HTML 58Page - STMicroelectronics M58LR128FT Datasheet HTML 59Page - STMicroelectronics M58LR128FT Datasheet HTML 60Page - STMicroelectronics M58LR128FT Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
57/82
M58LR128FT, M58LR128FB
Note: There are two Bank Regions: Bank Region 1 contains all the
banks that are made up of main blocks only; Bank Region 2
contains the banks that are made up of the parameter and
main blocks (Parameter Bank).
75
64
370000-37FFFF
76
64
360000-36FFFF
77
64
350000-35FFFF
78
64
340000-34FFFF
79
64
330000-33FFFF
80
64
320000-32FFFF
81
64
310000-31FFFF
82
64
300000-30FFFF
83
64
2F0000-2FFFFF
84
64
2E0000-2EFFFF
85
64
2D0000-2DFFFF
86
64
2C0000-2CFFFF
87
64
2B0000-2BFFFF
88
64
2A0000-2AFFFF
89
64
290000-29FFFF
90
64
280000-28FFFF
91
64
270000-27FFFF
92
64
260000-26FFFF
93
64
250000-25FFFF
94
64
240000-24FFFF
95
64
230000-23FFFF
96
64
220000-22FFFF
97
64
210000-21FFFF
98
64
200000-20FFFF
99
64
1F0000-1FFFFF
100
64
1E0000-1EFFFF
101
64
1D0000-1DFFFF
102
64
1C0000-1CFFFF
103
64
1B0000-1BFFFF
104
64
1A0000-1AFFFF
105
64
190000-19FFFF
106
64
180000-18FFFF
107
64
170000-17FFFF
108
64
160000-16FFFF
109
64
150000-15FFFF
110
64
140000-14FFFF
111
64
130000-13FFFF
112
64
120000-12FFFF
113
64
110000-11FFFF
114
64
100000-10FFFF
115
64
0F0000-0FFFFF
116
64
0E0000-0EFFFF
117
64
0D0000-0DFFFF
118
64
0C0000-0CFFFF
119
64
0B0000-0BFFFF
120
64
0A0000-0AFFFF
121
64
090000-09FFFF
122
64
080000-08FFFF
123
64
070000-07FFFF
124
64
060000-06FFFF
125
64
050000-05FFFF
126
64
040000-04FFFF
127
64
030000-03FFFF
128
64
020000-02FFFF
129
64
010000-01FFFF
130
64
000000-00FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com