Electronic Components Datasheet Search
  English  ▼

X  

2PD601BRL Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 2PD601BRL
Description  50 V, 200 mA NPN general-purpose transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601BRL Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 2PD601BRL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 9Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 10Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 11Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 12Page - Nexperia B.V. All rights reserved 2PD601BRL Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
2PD601BRL_2PD601BSL
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 28 June 2010
12 of 13
Nexperia
2PD601BRL; 2PD601BSL
50 V, 200 mA NPN general-purpose transistors
Quick reference data — The Quick reference data is an extract of the
product data given in the Limiting values and Characteristics sections of this
document, and as such is not complete, exhaustive or legally binding.
13.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
14. Contact information
For more information, please visit: http://www.
nexperia.com
For sales office addresses, please send an email to: salesaddresses@
nexperia.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com