Electronic Components Datasheet Search
  English  ▼

X  

CIQ Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # CIQ
Description  Surface Mount Fast-Acting Chip Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

CIQ Datasheet(HTML) 1 Page - Bel Fuse Inc.

  CIQ Datasheet HTML 1Page - Bel Fuse Inc. CIQ Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice
Bel Fuse Inc
.198 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: BelFuse@compuserve.com
Internet: http://www. belfuse.com
13
C1QD0897
Electrical Characteristics
Approvals
Environmental Specification
Soldering conditions
Infrared Reflow: 260ºC, 20 sec max.
Wave Solder: 260ºC, 10 sec max. (MIL-STD-202, Method
210)
Solderability: MIL-STD-202, Method 208
Operating Temperature
-55ºC to +125ºC
Shock
MIL-STD-202, Method 213, Test Condition I
(100 G's peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10-55 Hz, 0.06 inch,
total excursion)
Salt Spray
MIL-STD-202, Method 101, Test Condition B (48hrs)
Insulation Resistance
MIL-STD-202, Method 302, Test Condition A
(After Opening) 10,000 ohms minimum
Resistance to Solder Heat
MIL-STD-202, Method 210, Test Condition F
(20sec, at 260ºC)
Thermal Shock
MIL-STD-202, Method 107, Test Condition B
(-65ºC to +125ºC)
t
n
e
rr
u
c
g
ni
t
s
e
T
e
m
iT
w
ol
B
m
u
m
in
i
M
m
u
m
i
x
a
M
%
0
0
1
.s
r
H
4
A
/
N
%
0
0
2
A
/
N
ce
s
2
%
0
0
3
A
/
N
ce
s
2.
0
sl
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
S
y
ti
li
b
a
.
R
.I
@
tl
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.o
N
el
iF
d
et
si
L
1
V
5
2
1
/
A
3
-
A
C
A
A
0
0
1
@
V
3
6
d
n
a
C
D
A
0
5
@
2
7
7
9
3
R
L
.o
N
d
ei
ifi
tr
e
C
g
ol
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
ni
t
a
R
la
ci
p
y
T
dl
o
c
e
c
n
a
t
si
s
e
R
)
m
h
o
(
p
o
r
d
-t
lo
V
%
0
0
1
@
n
I
.
x
a
m
)t
lo
V
(
1
g
ni
tl
e
M
2
T
c
e
S
m
0
1
<
A
( 2
)c
e
S
1
g
ni
tl
e
M
2
T
0
1
@
n
I
A
( 2
)c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
oi
t
a
pi
s
si
D
)
W
(
1
Q
1
C
A.
1
2
8
1.
0
7
2.
0
0
6
0.
0
6
2
0
0.
0
9
2.
0
5
2.
1
Q
1
C
A
5
2.
1
8
3
1.
0
4
2.
0
2
8
0.
0
3
4
0
0.
0
3
3.
0
5.
1
Q
1
C
A
5.
1
2
1
1.
0
3
2.
0
5
0
1.
0
3
6
0
0.
0
8
3.
0
2
Q
1
C
A.
2
9
7
0.
0
1
2.
0
5
1.
0
2
1
0.
0
5
4.
0
5.
2
Q
1
C
A
5.
2
0
6
0.
0
9
1.
0
1
2.
0
9
1
0.
0
2
5.
0
3
Q
1
C
A.
3
5
4
0.
0
8
1.
0
9
2.
0
2
3
0.
0
1
6.
0
Physical Specification
Materials
Ceramic Substrate / Tin Plated Termination
Marking
On fuse:
none
Label on Reel:
“bel” “C1Q” “ Current Rating” “125V”, Interrupting Rating and “
Vßc”
Packaging
3,000 fuses in 7 inches dia. Reel, 8mm wide tape, per EIA - 481
(equivalent IEC-286 part 3)
Mechanical Dimensions
(all in inch for reference only)
C1Q
Consult manufacture for other ratings
Vßc
V
ß
Type C1Q
Surface Mount Fast-Acting Chip Fuse


Similar Description - CIQ

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
logo
Bel Fuse Inc.
0685P2000-01 BEL-0685P2000-01 Datasheet
649Kb / 4P
Surface Mount Fast Acting Chip Fuse
0ABA BEL-0ABA Datasheet
909Kb / 4P
Surface Mount Fast Acting Chip Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com