Electronic Components Datasheet Search
  English  ▼

X  

BC806 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BC806
Description  80 V, 500 mA PNP general-purpose transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC806 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BC806 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC806 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Nexperia
BC806 series
80 V, 500 mA PNP general-purpose transistors
8. Limiting values
Table 6. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-80
V
VCEO
collector-emitter voltage
open base
-
-80
V
VEBO
emitter-base voltage
open collector
-
-8
V
IC
collector current
-
-500
mA
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-1
A
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-200
mA
[1]
-
250
mW
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
345
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit-Board (PCB); single-sided copper; tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB; single-sided copper; tin-plated; mounting pad for collector 1 cm2.
Tamb (°C)
-75
175
125
25
75
-25
aaa-030230
200
100
300
400
Ptot
(mW)
0
(1)
(2)
(1) FR4 PCB; 1 cm2 mounting pad for collector
(2) FR4 PCB; standard footprint
Fig. 1. Power derating curves for SOT23
BC806_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 2 — 5 November 2019
3 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com