Electronic Components Datasheet Search
  English  ▼

X  

BC807L Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC807L
Description  45 V, 500 mA PNP general-purpose transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC807L Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC807L Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC807L Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
BC807L; BC807LW
45 V, 500 mA PNP general-purpose transistors
BC807L_BC807LW
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 1 — 5 January 2018
2 / 16
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC current gain
BC807-16L; BC807-16LW
[1]
100
-
250
-
BC807-25L; BC807-25LW
[1]
160
-
400
-
hFE
BC807-40L; BC807-40LW
VCE = -1 V; IC = -100 mA
[1]
250
-
600
-
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02
2 Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
SOT23
1
B
base
2
E
emitter
3
C
collector
1
2
3
sym132
E
C
B
SOT323
1
B
base
2
E
emitter
3
C
collector
1
2
3
sym132
E
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com