Electronic Components Datasheet Search
  English  ▼

X  

EPX Datasheet(PDF) 1 Page - 3M Electronics

Part # EPX
Description  3M™ EPX™ Applicators and Nozzles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EPX Datasheet(HTML) 1 Page - 3M Electronics

  EPX Datasheet HTML 1Page - 3M Electronics EPX Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M™
Scotch-Weld™
EPX™ Plus II
Applicator*
Stock #:
62-9170-9932-7
UPC:
00-063806-01001-7
1:1/2:1
Shared Plunger
Stock #:
62-9170-9913-7
UPC:
00-063806-01000-0
✓ ✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Green, 48.5mL/50mL
Stock #: 62-9154-9148-4
UPC: 0-00-76308-86434-7
Bulk: 62-9171-9954-9
Bulk: 0-00-63806-01003-1
✓ ✓
3M™ EPX™ Mixing Nozzle
Helical White, 48.5mL/50mL
Stock #: 62-9178-9151-7
UPC: 00-063806-01004-8
Bulk: 62-9178-9951-0
Bulk: 00-063806-01005-5
2:1 Plunger
Used only for
2216 epoxy
Stock #:
62-9170-9922-8
UPC:
0-00-76308-86390-6
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Gold, 43mL
Stock #: 62-9171-9153-8
UPC: 0-00-21200-50008-4
Bulk: 62-9171-9953-1
Bulk: 0-00-21200-50009-1
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical White, 43mL
Stock #: 62-9178-9150-9
UPC: 0-00-51115-81449-0
Bulk: 62-9178-9950-2
Bulk: 0-00-51115-81467-9
10:1 Plunger
Stock #:
62-9160-9911-2
UPC:
0-00-76308-86391-3
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Orange, 45mL
Stock #: 62-9154-9136-9
UPC: 0-00-51115-69043-3
3M™ EPX™
Metal
Applicator
Stock #:
62-9740-9935-0
UPC:
0-00-21200-21789-0
2:1 Plunger
Stock #:
62-9744-9930-3
UPC:
0-00-21200-82314-5
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Gold, 43mL
Stock #: 62-9171-9153-8
UPC: 0-00-21200-50008-4
Bulk: 62-9171-9953-1
Bulk: 0-00-21200-50009-1
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical White, 43mL
Stock #: 62-9178-9150-9
UPC: 0-00-51115-81449-5
Bulk: 62-9178-9950-2
Bulk: 0-00-51115-81467-9
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Green, 43mL/48.5mL
Stock #: 62-9154-9148-4
UPC: 0-00-76308-86434-7
Bulk: 62-9171-9954-9
Bulk: 0-00-63806-01003-1
✓
3M™ EPX™ Mixing Nozzle
Helical White, 48.5mL/50mL
Stock #: 62-9178-9151-7
UPC: 00-063806-01004-8
Bulk: 62-9178-9951-0
Bulk: 00-063806-01005-5
3M™ EPX™
Pneumatic
Applicator
48.5/50 mL
Stock #:
62-9781-9931-3
UPC:
00-063806-01006-2
N/A
✓ ✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Green, 43mL/48.5mL
Stock #: 62-9154-9148-4
UPC: 0-00-76308-86434-7
Bulk: 62-9171-9954-9
Bulk: 0-00-63806-01003-1
✓ ✓
3M™ EPX™ Mixing Nozzle
Helical White, 48.5mL/50mL
Stock #: 62-9178-9151-7
UPC: 00-063806-01004-8
Bulk: 62-9178-9951-0
Bulk: 00-063806-01005-5
3M™ Scotch-
Weld™ EPX™
Manual
Applicator
200 mL
Stock #:
62-9136-9930-2
UPC:
0-00-21200-87977-7
1:1/2:1 Shared
Plunger
Stock #:
62-9136-9938-5
UPC:
0-00-21200-87981-4
✓ ✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Gold, 200mL and 400mL
Stock #: 62-9176-9127-1
UPC: 0-00-21200-97331-4
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical White, 200mL and 400mL
Stock #: 62-9142-9930-0
UPC: 0-00-21200-87982-1
3M™ EPX™ Applicators and Nozzles
*Includes 1:1, 2:1 and 10:1 plunger.
26


Similar Part No. - EPX

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
EPX-APLP BCM-EPX-APLP Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-APLP-J3455 BCM-EPX-APLP-J3455 Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-APLP-N3350 BCM-EPX-APLP-N3350 Datasheet
147Kb / 1P
Intel® Celeron® N3350/J3455 Processor Pico-ITX Motherboard
2021/05/27
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
Ferroxcube Internationa...
EPX10 FERROXCUBE-EPX10 Datasheet
48Kb / 4P
EPX cores and accessories
More results

Similar Description - EPX

ManufacturerPart #DatasheetDescription
logo
3M Electronics
291X 3M-291X Datasheet
151Kb / 2P
3M™ Polishing Films
January 2022
562X 3M-562X Datasheet
69Kb / 2P
3M™ Lapping Films 562X and 566X
July 2014
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
RP040GF 3M-RP040GF Datasheet
59Kb / 7P
3M™ VHB™ Tape RP040GF
May, 2022
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
20433 3M-20433 Datasheet
78Kb / 3P
3M™ Hookit™ Sheet Pad
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com