Electronic Components Datasheet Search
  English  ▼

X  

GRPB031MWCS-RC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GRPB031MWCS-RC
Description  .050” [1.27 mm] Contact Centers, Male Headers,Straight/Right Angle/SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GRPB031MWCS-RC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GRPB031MWCS-RC Datasheet HTML 1Page - List of Unclassifed Manufacturers GRPB031MWCS-RC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
95
www.sullinscorp.com | 760-744-0125 | toll-free 888-774-3100 | fax 760-744-6081 | info@sullinscorp.com
Headers
DIMENSIONS Dimensions in [ ] are in millimeters, all others are in inches.
B
B
PIN 1
.050 [1.27]
A
.039 [1.00]
.016 [0.40] SQ.
.083 [2.10]
SINGLE ROW
DUAL ROW
STRAIGHT (SHOWN) & RIGHT ANGLE
SURFACE MOUNT, PIN 1 LEFT,
SINGLE ROW(SHOWN)
SURFACE MOUNT, DUAL ROW WITHOUT GUIDE POSTS, (VWQS)
WITH GUIDE POSTS, (VWQP)
B
.134 [3.40]
.084 [2.14]
.084 [2.14]
A
.039 [1.00]
.050 [1.27]
.016 [0.40] SQ.
B
.134 [3.40]
A
.050 [1.27]
.039 [1.00]
.016 [0.40] SQ.
A
.039 [1.00]
.059 [1.50]
C
2X Ø .028 [0.70]
.016 [0.40] SQ.
PIN 1
””
.050” [1.27 mm] Contact Centers, Male Headers,
Straight/Right Angle/SMT
1 = Single Row
2 = Dual Row
MOUNTING STYLE
N = No Mounting
C = Surface Mount, Pin 1 Left (Single Row Only)
D = Surface Mount, Pin 1 Right
(Single Row on Even Positions Only)
S = Surface Mount without Guide Pins (Dual Row Only)
P = Surface Mount with Guide Posts (Dual Row Only)
TERMINATION TYPE (Opposite Page)
NUMBER OF ROWS
VWV, VWC, MWC, VWT, VWQ
G = Nylon
R = Brass
P = Gold Flash Overall
B = .050” [1.27 mm]
INSULATOR MATERIAL
CONTACT MATERIAL
CONTACT FINISH - RoHS Compliant
CONTACT CENTERS
NUMBER OF POSITIONS
Positions
Available
Termination
2 Thru 50 = VWC, VWQ, VWT, VWV
1 Thru 50 = MWC
G R P B xx 1 VWV N - RC
RoHS COMPLIANT
Consult Factory For Modifications
PART NUMBER OPTIONS
POSI-
TIONS
NUMBER OF
CONTACTS
SINGLE/DUAL
A
B
C
POSI-
TIONS
NUMBER OF
CONTACTS
SINGLE/DUAL
A
B
C
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
01
01/02
N/A
N/A
.050
1.27
N/A
26
26/52
1.250
31.75
1.300
33.02 1.200 30.48
02
02/04
.050
1.27
.100
2.54
27
27/54
1.300
33.02
1.350
34.29 1.250 31.75
03
03/06
.100
2.54
.150
3.81
.050
1.27
28
28/56
1.350
34.29
1.400
35.56 1.300 33.02
04
04/08
.150
3.81
.200
5.08
.100
2.54
29
29/58
1.400
35.56
1.450
36.83 1.350 34.29
05
05/10
.200
5.08
.250
6.35
.150
3.81
30
30/60
1.450
36.83
1.500
38.10 1.400 35.56
06
06/12
.250
6.35
.300
7.62
.200
5.08
31
31/62
1.500
38.10
1.550
39.37 1.450 36.83
07
07/14
.300
7.62
.350
8.89
.250
6.35
32
32/64
1.550
39.37
1.600
40.64 1.500 38.10
08
08/16
.350
8.89
.400
10.16
.300
7.62
33
33/66
1.600
40.64
1.650
41.91 1.550 39.37
09
09/18
.400
10.16
.450
11.43
.350
8.89
34
34/68
1.650
41.91
1.700
43.18 1.600 40.64
10
10/20
.450
11.43
.500
12.70
.400
10.16
35
35/70
1.700
43.18
1.750
44.45 1.650 41.91
11
11/22
.500
12.70
.550
13.97
.450
11.43
36
36/72
1.750
44.45
1.800
45.72 1.700 43.18
12
12/24
.550
13.97
.600
15.24
.500
12.70
37
37/74
1.800
45.72
1.850
46.99 1.750 44.45
13
13/26
.600
15.24
.650
16.51
.550
13.97
38
38/76
1.850
46.99
1.900
48.26 1.800 45.72
14
14/28
.650
16.51
.700
17.78
.600
15.24
39
39/78
1.900
48.26
1.950
49.53 1.850 46.99
15
15/30
.700
17.78
.750
19.05
.650
16.51
40
40/80
1.950
49.53
2.000
50.80 1.900 48.26
16
16/32
.750
19.05
.800
20.32
.700
17.78
41
41/82
2.000
50.80
2.050
52.07 1.950 49.53
17
17/34
.800
20.32
.850
21.59
.750
19.05
42
42/84
2.050
52.07
2.100
53.34 2.000 50.80
18
18/36
.850
21.59
.900
22.86
.800
20.32
43
43/86
2.100
53.34
2.150
54.61 2.050 52.07
19
19/38
.900
22.86
.950
24.13
.850
21.59
44
44/88
2.150
54.61
2.200
55.88 2.100 53.34
20
20/40
.950
24.13
1.000
25.40
.900
22.86
45
45/90
2.200
55.88
2.250
57.15 2.150 54.61
21
21/42
1.000
25.40
1.050
26.67
.950
24.13
46
46/92
2.250
57.15
2.300
58.42 2.200 55.88
22
22/44
1.050
26.67
1.100
27.94
1.000
25.40
47
47/94
2.300
58.42
2.350
59.69 2.250 57.15
23
23/46
1.100
27.94
1.150
29.21
1.050
26.67
48
48/96
2.350
59.69
2.400
60.96 2.300 58.42
24
24/48
1.150
29.21
1.200
30.48
1.100
27.94
49
49/98
2.400
60.96
2.450
62.23 2.350 59.69
25
25/50
1.200
30.48
1.250
31.75
1.150
29.21
50
50/100
2.450
62.23
2.500
63.50 2.400 60.96



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com