Electronic Components Datasheet Search
  English  ▼

X  

SB175 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # SB175
Description  SB® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SB175 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

  SB175 Datasheet HTML 1Page - Anderson Power Products, Inc. SB175 Datasheet HTML 2Page - Anderson Power Products, Inc. SB175 Datasheet HTML 3Page - Anderson Power Products, Inc. SB175 Datasheet HTML 4Page - Anderson Power Products, Inc. SB175 Datasheet HTML 5Page - Anderson Power Products, Inc. SB175 Datasheet HTML 6Page - Anderson Power Products, Inc. SB175 Datasheet HTML 7Page - Anderson Power Products, Inc. SB175 Datasheet HTML 8Page - Anderson Power Products, Inc. SB175 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 93 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 175 ACCESSORIES
Slide cover over
mating end.
995G1
945G3
945
946G1
"A" Frame Handle
(not included).
(not included).
"A" Frame Handle
The given wire O.D. information is an
estimate. Cable clamps should be
evaluated for performance with the
actual wire to be used.
Cable Clamps
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls from dislodging wire or contacts from
the housing. Only Bolt On type clamps can be used with the handles. Cable clamps are recommended for solder terminated
wires. Not for use with 3 pole housing.
Cable Size
Max / Min In. Max / Min mm
Description
Inches O.D.
mm O.D.
Part Numbers
Minimum Quantity
100
50
Self Attaching for Discrete Conductor 0.55 to 0.24
14 to 6
105G3
945
Bolt On for Discrete Conductor
0.66 to 0.24
16.7 to 6.2
945G3-BK 945G3
Bolt On for Bundled Conductor
0.75 to 0.29
18.3 to 7.3
946G1-BK 946G1
* Torque value 30 (in - lbs) / 3.4 (Nm)
NOTE: For assembly of clamp to housing only
Handles
Handles are made out of durable PC plastic. Hardware to
attach to connector body included in kits. Not for use with
3 pole housing.
Description
Part Numbers
Minimum Quantity
100
25
Gray Handle Kit
-
995G1
Red Handle Kit
-
995G3
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black
3-5074P5
-
Hardware Bag
-
105G8
* Torque value 30 (in lbs) / 3.4 (Nm)
NOTE: For assembly of clamp to housing only
Dust Cover
Prevents dust and dirt from entering the mating interface
of the connector when unmated. NOTE: Not a Hermetic Seal.
Not for use with 3 pole housing.
Description
Part Numbers
Minimum Quantity
500
50
Dust Cover with Lanyard Strap, Red
113890P2 134G2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com