Electronic Components Datasheet Search
  English  ▼

X  

SBE320 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # SBE320
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

SBE320 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  SBE320 Datasheet HTML 1Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 2Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 3Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 4Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 5Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 6Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 7Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 8Page - Anderson Power Products, Inc. SBE320 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
- 117 -
All Data Subject To Change Without Notice
www.andersonpower.com
MECHANICAL
Wire Size Range
AWG
mm²
Power Contacts
1/0 to 350 MCM
53.5 to 185
Auxiliary Contacts
24 to 10 AWG
0.25 to 5.3
Max Wire Insulation
Diameter
in
mm
Power Contact
0.82 *
20.8 *
Powerpole® Auxiliary
0.175
4.45
1x4 Auxiliary
0.14
3.6
PPMX Auxiliary
0.09
2.29
Operating Temperature 2
°F
°C
SBX® Housing with
all Auxiliary
-4 to 221
-20 to -105
SBE® Housing
-40 to 221
-40 to 105
SBX® Housing with
Powerpole® Auxiliary
Housings
-4 to 221
-20 to -105
SBE® Housing with 1x4
and PPMX Auxiliaries
-40 to 221
-40 to 105
Mating Cycles
Silver / Tin
Gold
Power Contacts
10,000
N/A
Powerpole® Auxiliary
10,000 / 1500
N/A
1x4 Auxiliary
N/A
10,000
PPMX Auxiliary
N/A
5,000
Average Mating
LBF
N
Main Connector Housing
37
165
Per Powerpole®
Connector
5
22
Per 1x4 Auxiliary Housing
0.7
3
Per PPMX Housing
4.5
20
Min Contact / Spring
Retention Force
150
667
Powerpole® Housing
25
111
1x4 Auxiliary Housing
10
44.5
PPMX Housing
12
53
Min Contact / Spring
Retention Force
150
667
Powerpole® Housing
25
111
1x4 Auxiliary Housing
10
44.5
PPMX Housing
12
53
1x4 Auxiliary Housing
10
44.5
PPMX Housing
12
53
Note 1: See IEC60664-1 for working voltage
Note 2: Amp ratings are stated per position and based on all positions being fully loaded
1 - Based on 195°C rated or better cable of the largest size. Properly calibrated APP® recommended tooling and 25°C ambient temperature
2 - limited by thermal properties of the connector plastic housing
3 - USE APP® recommended tooling only. Alternate tools may adversely affect performance of our connectors along with UL and CSA recognition
4 - Voltage capability of SBE® housings is identical to SBX® but derated to meet EN1175-1 requirements
* Refer to assembly instructions for using 300 MCM and 350 MCM wire
IEC INFORMATION
PROTECTION
Touch Safety Main Connector
Housing
IEC 60950 SBE® 320 Only
Pass
IEC 60529 SBE® 320 &
SBX® 350
IP20
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SBE® 320
Unmated
5.6 mm
IIIa
Mated
24.7 mm
ATTRIBUTES
SBE® 320
AMP Rating AC/DC
320 Amp
Voltage Rating AC/DC
(Steady State)
600 V AC/DC (Operational)
Breaking Capacity -
AMP Rating / Cycles
275 Amp / 10 Cycles
Voltage Rating
(Breaking Capacity)
220 VDC
FINGER Safety -
Mated / Unmated
IEC 60529 - IP20
Wire Size Tested
120 mm²
Contact Series Tested
6356
Climatic Testing
(Cold, Heat & MFG)
IEC 60512 Test -11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000
Cycles
Mechanical Strength
Impact
IEC 60512-5 @ 29.5 Inches
Dropped 8 Times
Temperature Range
-20°C to 105°C
-4°F to 221°F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com