Electronic Components Datasheet Search
  English  ▼

X  

914 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 914
Description  SB® 350 Connectors Up to 500 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

914 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  914 Datasheet HTML 1Page - Anderson Power Products, Inc. 914 Datasheet HTML 2Page - Anderson Power Products, Inc. 914 Datasheet HTML 3Page - Anderson Power Products, Inc. 914 Datasheet HTML 4Page - Anderson Power Products, Inc. 914 Datasheet HTML 5Page - Anderson Power Products, Inc. 914 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 97 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 350 CONNECTOR SPECIFICATIONS
See Busbar contact drawing on
website for further detail.
B
[ 22.3 ]
0.88
[ 2.5 ]
0.10
[ 131.7 ]
5.19
[ 17.0 ]
0.67
# 3/8 - 16 THD
SB® 350 Silver Plated Busbar Contacts
Use 2 busbar contacts per housing to provide a quick disconnect input or output busbar
connection. Busbar contacts are for mating with wire contacts only. Part number 350BBS
includes lock nuts. Locknuts must be ordered separately for B01998P1.
Mating
Type
Thread
Force
Loose Piece Part Numbers
Minimum Quantity
50
10
Busbar
3/8-16
High
B01998P1
350BBS
Lock Nut 3/8-16
-
H1216P9
110G73
NOTE: Has not been tested by UL.
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
1/0 to 350 mcm
53.5 to 185
Max. Wire Insulation Diameter
in.
mm
1.100
27.900
Operating Temperature ²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire and Busbar Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
2 Pole
30
133
Min. Contact / Spring Retention Force
Lbf.
N
150
667
ELECTRICAL
Current Rating Amperes 1
UL 1977
CSA
Wire-to-Wire (350 mcm)
500
325
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms 1
2 1/2” of 300 mcm Wire
0.050
Hot Plug Current Rating Amperes - Wire & Busbar
250 cycles at 120V DC
100A
Current - Temperature Derating per IEC 60512-5-2 Test 5B
SB® 350 CONNECTOR TEMPERATURE CHARTS - Temperaturerisechartsarebasedona25°C
ambient temperature.
Amperes Applied
350 MCM
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SB® 350
Temperature Rise at Constant Current
0
10
20
30
40
50
60
0 50 100 150 200 250 300 350 400 450 500
SB® 350
Derating vs. Ambient Temperature
Amperes Applied
350 MCM
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
25
50
75
100
125
0 50 100 150 200 250 300 350 400 450 500 550
Specifications continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com