Electronic Components Datasheet Search
  English  ▼

X  

P940 Datasheet(PDF) 7 Page - Anderson Power Products, Inc.

Part # P940
Description  SB® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

P940 Datasheet(HTML) 7 Page - Anderson Power Products, Inc.

  P940 Datasheet HTML 1Page - Anderson Power Products, Inc. P940 Datasheet HTML 2Page - Anderson Power Products, Inc. P940 Datasheet HTML 3Page - Anderson Power Products, Inc. P940 Datasheet HTML 4Page - Anderson Power Products, Inc. P940 Datasheet HTML 5Page - Anderson Power Products, Inc. P940 Datasheet HTML 6Page - Anderson Power Products, Inc. P940 Datasheet HTML 7Page - Anderson Power Products, Inc. P940 Datasheet HTML 8Page - Anderson Power Products, Inc. P940 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
- 94 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 175 Connector not included.
Mounting Plate
Hardware
SB® Environmental Boots
SB® Environmental Boots provide water, dirt, chemical and UV protection for SB® 175
connectors. The durable boots shield the connectors from water and dirt to IP64* in
both the mated and unmated condition.
Dimensions
- A -
- B -
- C -
Description
Part Numbers
in. mm
in. mm
in.
mm
Minimum Quantity
250
25
SB® 175 Environmental Boot, Load
3-6037P1-BK
3-6037P1
9.5 241
3.2 80
9.3 236
SB® 175 Environmental Boot, Source
3-6036P1-BK
3-6036P1
9.5 241
3.2 80
9.3 236
* IP64 test pending
SB® 175 Lockout
Works with standard lockout - tagout equipment to prevent access
to the mating interface of the connector. Made from durable PC plastic.
Can be used with 3 pole housing to lockout positive and negative
positions only.
Description
Part Number
Minimum Quantity
25
Red Lockout - Tagout Kit
SB175-LOCKOUT
Manual Release Bracket - Mounting Side *
Works with the Locking Side to ease mating and unmating connectors.
Not for use with 3 pole housing.
Description
Part Number
Minimum Quantity
10
Mounting Plate and Hardware Kit
924G1
* Torque value 30 (in - lbs) / 3.4 (Nm)
NOTE: For assembly of bracket to housing only
Manual Release Bracket - Locking Side *
Works with the Mounting Side to ease mating and unmating
connectors. Not for use with 3 pole housing.
Cable Size
Max / Min
Max / Min
Description
Inches O.D.
mm O.D.
Part Number
Minimum Quantity
10
Locking plate, handle, clamp and hardware kit.
0.50 to 0.21
12.6 to 5.4
923G1
* Torque value 30 (in - lbs) / 3.4 (Nm)
NOTE: For assembly of bracket to housing only
The given wire O.D. information is an estimate. Cable clamps should be evaluated for
performance with the actual wire to be used.
A
B
C
[ 90 ]
3.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com