Electronic Components Datasheet Search
  English  ▼

X  

906 Datasheet(PDF) 1 Page - Anderson Power Products, Inc.

Part # 906
Description  SB® 350 Connectors Up to 500 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

906 Datasheet(HTML) 1 Page - Anderson Power Products, Inc.

  906 Datasheet HTML 1Page - Anderson Power Products, Inc. 906 Datasheet HTML 2Page - Anderson Power Products, Inc. 906 Datasheet HTML 3Page - Anderson Power Products, Inc. 906 Datasheet HTML 4Page - Anderson Power Products, Inc. 906 Datasheet HTML 5Page - Anderson Power Products, Inc. 906 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- 96 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 350 ORDERING INFORMATION
SB® 350 Connectors
Up to 500 Amps
SB® 350 Standard Housings
The largest SB® housings work with wire contacts up to 350 mcm (150 mm²) as well as busbar contacts.
Genderless design mates with itself. Mechanical keys are color-coded. NOTE: SB® 350 Black and Blue
Housings have the same keying features and can be intermated.
Description
Part Numbers
Minimum Quantity
50
25
Yellow
914-BK
914
Orange
932-BK
932
Red
913-BK
913
Gray
906-BK
906
Blue
912-BK
912
Green
931-BK
931
Black
2-7250G8
-
SB® 350 Chemical Resistant Housings
Same features as the Standard SB® 350 but molded in a
chemical resistant PBT/ PC blend. Suitable for use to -40°C.
Description
Part Numbers
Minimum Quantity
50
25
Red
P913-BK
P913
Gray
P906-BK
P906
SB® 350 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
See reducing bushings in accessory section for smaller wires.
Dimensions
Mating
- A -
- B -
- C -
AWG
mm²
Force
Loose Piece Part Numbers
inches mm
inches mm
inches mm
Minimum Quantity
200
150
50
350 mcm 185
High
-
910-BK
910 *
0.75
19.05
0.87
22.10
3.04
77.2
300 mcm 152
High
-
910-BK
910 *
0.75
19.05
0.87
22.10
3.04
77.2
4/0
107.2
High
908-BK -
908 *
0.64
16.26
0.75
19.05
3.03
77.0
3/0
85
High
916-BK -
916 *
0.58
14.73
0.70
17.78
3.00
76.2
2/0
67.4
High
907-BK -
907 *
0.49
12.45
0.64
16.26
2.96
75.2
1/0
53.5
High
917-BK -
917 *
0.44
11.18
0.51
12.95
2.91
73.9
* Sold as pairs. 2 parts shipped for every 1 part ordered.
[ 33.3 ]
1.31
[ 182.6 ]
7.19
MATERIAL ID
[ 107.9 ]
4.25
[ 28.6 ]
1.13
[ 69.9 ]
2.75
[ 6.6 ]
Ø 0.26
(2) PLC’S
[ 34.9 ]
1.38
Bottom View
Mated Length
P = Chemical Resistant
The SB® 350 is the largest connector in the series with
power capabilities up to 500 amps with a 350 mcm wire.
Wires ranging from 1/0 to 350 mcm (53.5 to 185 mm²)
fit into the one piece housing available in standard PC or
a chemical resistant PBT/PC blend. Silver plated wire or
busbar contacts minimize electrical resistance while
offering supreme durability and reliability.
• Up to 350 mcm (185 mm²) Wires
Allows UL rated currents up to 500 amps
• Chemical Resistant Housing Option
Extends temperature range down to -40°C, while offering
enhanced UV and chemical resistance
• Same Housings Used for Wire and Busbar Contacts
Enables color-coded mechanically keyed wire to busbar
connections
[ 20.6 ]
0.81
B
A
[ C ± 2.0 ]
C ± 0.08
[ 32.8 ]
1.29 MIN


Similar Part No. - 906

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
906 ETC2-906 Datasheet
202Kb / 1P
NYLON TUBE SPACERS
logo
Alpha Wire
906 ALPHAWIRE-906 Datasheet
171Kb / 2P
M12?륚 Die Cast Passive I/O Box
906 ALPHAWIRE-906 Datasheet
97Kb / 3P
Customer Specification
2/21/2023
logo
Anderson Power Products...
906 APP-906 Datasheet
151Kb / 2P
SB® 350 Connector
logo
Keystone Electronics Co...
906 KEYSTONE-906 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
More results

Similar Description - 906

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAP200ARDEA MACOM-MAP200ARDEA Datasheet
109Kb / 2P
Contacts Rated up to 500 Amps, 12-900VDC
logo
Anderson Power Products...
SBS APP-SBS Datasheet
1Mb / 11P
SBS® Connectors Up to 110 amps
REV C7.1
PP120 APP-PP120 Datasheet
885Kb / 6P
Powerpole® Connectors PP120 - Up to 240 Amps
REV C7
PP180 APP-PP180 Datasheet
833Kb / 6P
Powerpole® Connector PP180 - Up to 350 Amps
REV C7
PP75 APP-PP75 Datasheet
1Mb / 9P
Powerpole® Connectors PP75 - Up to 120 Amps
REV C7
SB120 APP-SB120 Datasheet
1Mb / 5P
SB® 120 Connectors Up to 240 Amps
REV C7
SB175 APP-SB175 Datasheet
1Mb / 9P
SB® 175 Connectors Up to 280 Amps
REV C7
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SBE320 APP-SBE320 Datasheet
1Mb / 9P
SBE® 320 / SBX® 350 Connectors Up to 550 Amps
REV C7
SB350 APP-SB350_V01 Datasheet
151Kb / 2P
SB® 350 Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com