Electronic Components Datasheet Search
  English  ▼

X  

943 Datasheet(PDF) 5 Page - Anderson Power Products, Inc.

Part # 943
Description  SB® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

943 Datasheet(HTML) 5 Page - Anderson Power Products, Inc.

  943 Datasheet HTML 1Page - Anderson Power Products, Inc. 943 Datasheet HTML 2Page - Anderson Power Products, Inc. 943 Datasheet HTML 3Page - Anderson Power Products, Inc. 943 Datasheet HTML 4Page - Anderson Power Products, Inc. 943 Datasheet HTML 5Page - Anderson Power Products, Inc. 943 Datasheet HTML 6Page - Anderson Power Products, Inc. 943 Datasheet HTML 7Page - Anderson Power Products, Inc. 943 Datasheet HTML 8Page - Anderson Power Products, Inc. 943 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 92 -
All Data Subject To Change Without Notice
www.andersonpower.com
¹ Based on: 105°C rated or better cable of the largest size. Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating not to
exceed the maximum operating temperature. CSA rating below a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.
MATERIALS
Standard Housing
PC
Flammability Rating
UL94 V-0
Wire Power Contact
Copper Alloy, Silver Plate
Contact Termination Methods
Crimp 3
Hand Solder
MECHANICAL
Contact Wire Range (AWG)
2/0
(mm²)
70
MAX Wire Insulation Diameter (in)
0.67
(mm)
17.04
Operating Temperature 2
°C
°F
PC Housing
-20° to 105°
-4° to 221°
AVG Contact Retention Force for Standard PC Housing
(lbf)
(N)
150 lbf
667 n
Mating Cycles (no load)
5,000
Connector AVG Connect / Disconnect
(lbf) 55
(N)
245
ELECTRICAL
Current Rating (Amperes) 1
UL 1977
CSA
2/0 AWG
340
200
70 mm²
315
185
Voltage Rating (AC/DC)
600
Dielectric Withstanding Voltage (AC)
2,200
AVG Contact Resistance (milli-ohms) 1
0.045
SB® 175 2/0 CONNECTOR SPECIFICATIONS
SB® 175 CONNECTOR IEC INFORMATION
ATTRIBUTES
SB® 175
AMP Rating AC/DC
175
Voltage Rating AC/DC (Steady State)
500 V AC/DC (Operational)
Breaking Capacity - AMP Rating / Cycles
175 Amp / 10 Cycles
Voltage Rating (Breaking Capacity)
220 VDC
Finger Safety - Mated Only
IEC 60529 - IP20
Wire Size Tested
50 mm²
Contact Series Tested
1382
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test-11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a- 5000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches-
Dropped 8 Times
Temperature Range
-20 °C to 105 °C
-4 °F to 221 °F
PROTECTION
Touch Safety with Wire Contacts
IEC 60529
IP10 unmated
Environmental Sealing with Boots
IEC 60529
IP64
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SB® 175
Unmated
5.73 mm
IIIa
Mated
5.73 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com