Electronic Components Datasheet Search
  English  ▼

X  

1319 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 1319
Description  SB® 120 Connectors Up to 240 Amps
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

1319 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  1319 Datasheet HTML 1Page - Anderson Power Products, Inc. 1319 Datasheet HTML 2Page - Anderson Power Products, Inc. 1319 Datasheet HTML 3Page - Anderson Power Products, Inc. 1319 Datasheet HTML 4Page - Anderson Power Products, Inc. 1319 Datasheet HTML 5Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
- 86 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 120 ACCESSORIES
981G1
981G2
The given wire O.D. information is an estimate.
Cable clamps should be evaluated for
performance with the actual wire to
be used.
1.82
1.44
2.38
1.75
0.16 DIA.
4 Places
0.88 High X 1.88 Wide
Panel Cutout
Mounting Clamp for SB® 120
Mounting clamps can be used for fastening a SB® 120 series
housings to a panel. Fastening hardware not included.
Description
Part Number
Minimum Quantity
20 sets of 2
Panel Mount Bracket
1467G1
Cable Clamps *
Durable metal cable clamps securely hold cables to prevent accidental strain or pulls
from dislodging wire or contacts from the housing. Cable clamps are recommended
for solder terminated wires.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
Part Numbers
Minimum Quantity
50
Bolt on for Discrete Conductor
0.70 to 0.23
17.7 to 5.8
981G1
Bolt on for Bundled Conductor
0.73 to 0.29
18.5 to 7.3
981G2
* Torque value 21 (in lbs) / 2.4 (Nm) NOTE: For assembly of clamp to housing only
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being
fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly calibrated
APP® recommended tooling, and a 25°C ambient temperature. UL rating
not to exceed the maximum operating temperature. CSA rating below a 30°C
temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may adversely affect the
performance of our connectors along with UL and CSA recognition.
ATTRIBUTES
SB®120
AMP Rating AC/DC
120
Voltage Rating AC/DC
(Steady State)
400 V AC/DC (Operational)
Breaking Capacity - AMP
Rating / Cycles
120 Amp / 10 Cycles
Voltage Rating
(Breaking Capacity)
220 VDC
Finger Safety -
Mated Only
IEC 60529- IP20
Wire Size Tested
50 mm²
Contact Series Tested
1323
Climatic Testing
Cold, Heat & MFG)
IEC 60512 Test-11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a- 5,000 Cycles
Mechanical Strength Impact IEC 60512-5 @ 29.5 Inches -
Dropped 8 Times
Temperature Range
-20°C to 105°C
-4°F to 221°F
IEC INFORMATION
ELECTRICAL
Current Rating Amperes ¹
UL 1977
CSA
Wire-to-Wire (1 AWG)
240
130
Wire-to-Busbar (2 AWG)
120
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
5 1/2” of 2 AWG Wire
0.136
Hot Plug Current Rating Amperes - Wire & Busbar
250 cycles at 120V DC
60A
PROTECTION
Touch Safety with Wire Contacts
IEC 60529
IP10 unmated
Environmental Sealing with Boots
IEC 60529
IP64
Connector
Series
Configurations
Creepage /
Clearance
per IEC
60950-1
Material
Group
SB® 120
Unmated
4.10 mm
IIIa
Mated
4.10 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com