Electronic Components Datasheet Search
  English  ▼

X  

E6339 Datasheet(PDF) 9 Page - Anderson Power Products, Inc.

Part # E6339
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

E6339 Datasheet(HTML) 9 Page - Anderson Power Products, Inc.

  E6339 Datasheet HTML 1Page - Anderson Power Products, Inc. E6339 Datasheet HTML 2Page - Anderson Power Products, Inc. E6339 Datasheet HTML 3Page - Anderson Power Products, Inc. E6339 Datasheet HTML 4Page - Anderson Power Products, Inc. E6339 Datasheet HTML 5Page - Anderson Power Products, Inc. E6339 Datasheet HTML 6Page - Anderson Power Products, Inc. E6339 Datasheet HTML 7Page - Anderson Power Products, Inc. E6339 Datasheet HTML 8Page - Anderson Power Products, Inc. E6339 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
- 123 -
All Data Subject To Change Without Notice
www.andersonpower.com
SBO® / SBE® / SBX® - Tooling Information
Wire Size
Loose Piece Part
Number
Loose Piece Contact Crimp Tools
AWG
mm²
Contacts
Pneumatic
Bench Tool + Die
+ Locator
Number of
Crimps
+ Hand Tools
SBE® 320 / SBX® 350
300 MCM
152
6358
N/A
N/A
N/A
N/A
1368 Series
4/0 AWG
107.2
6356
1387G2
1303G12
1303G28
Double
3/0 AWG
85
6355
2/0 AWG
67.4
6354
2
N/A
6394
1303G2
1304G28
N/A
95 mm²
1341G3
1303G17
1304G35
N/A
70 mm²
1341G2
1303G12
1304G34
N/A
50 mm²
1341G1
1303G8
1304G36
SBE® 160 / SBX® 175
1/0 AWG
53.5
6384G1
1387G2
1303G13
1304G32
Double
1368 series
2
25 mm²
6384G2
1387G2
1303G13
1304G32
Double
1/0 & #2
53.5 to 5mm2 6384G1 & 6384G2
1387G1
1388G3
1389G3
Single
SBO® 60 / SBE® 80
4
25
1339G4
1387G1
1388G7
1389G9
Single
N/A
6
16
1339G1
1388G6
1309G4
Powerpole® 15/45 Auxiliary Contacts **
16 to 20
1.3 to .52
1332
N/A
N/A
N/A
Single
1309G2 or
1309G8
12 to 16
3.3 to 1.3
1331
PowerMod® 1x4 Auxiliary Contacts
12 to 24
2.5 to 0.25
All Crimp Pins
TP0001*
N/A
TL0001
Single
TM0001*
All Crimp Sockets
TL0002
PM1000G1
PPMX Auxiliary Contacts
20 to 24
0.50 to 0.25
4803G3
TP0001*
N/A
TL0005
Single
TM0001* or
4802G3
PM1000G1
Tools
PM1002G1 - 1 x 4 Auxiliary Contact Insertion Tool - For use with PM contacts and 1x4 auxiliary housing (444G1 housings and 441G kits)
PM1003G1 - 1 x 4 Auxiliary Contact Insertion Tool - For use with PM contacts and 1x4 auxiliary housing (444G1 housings and 441G kits)
PM1003GX - 1x4 Auxiliary contacts Inspection Tool - For use with PM contacts and 1x4 auxiliary housing (444G1 housings and 441G kits)
969P1 - SBE® 160 / SBX® 175 Power Contact Extraction Tool
970P1 - SBE® 320 / SBX® 350 Power Contact Extraction Tool
* TP0001 and TM0001 tools require locators to properly position contacts.
** See Powerpole® family tooling chart for other Powerpole® contacts
The auxiliary contacts used with wire sizes 16 to 24 AWG cannot be properly inserted without the insertion tool. Properly installed auxiliary contact of all wire
gauges cannot be removed from the housing without the extraction tool.
Your Best Connection™
2020-0055 DS-SBEX320-350
REV C7
Anderson™ will use reasonable efforts to include accurate and up-to-date content in the data sheet. All product information contained in the data sheet including ordering information,
illustrations, specifications, and dimensions, are believed to be reliable as of the date of publishing, but is subject to change without notice. Anderson™ makes no warranty or representation as
to its accuracy. Content in the data sheet may contain technical inaccuracies, typographical errors and may be changed or updated without notice. Anderson™ may also make improvements
and/or changes to the products and/or to the programs described in the content at any time without notice. Current sales drawings and specifications are available upon request.
©2020 Anderson Power Products, Inc. All rights reserved. APP®, A®, Anderson Power Products®, SBE®, SBO®, SBX®, PowerMod®, Powerpole® and the APP Logo are registered trademarks of
Anderson Power Products, Inc. Anderson™ and Your Best Connection™ are trademarks of Anderson Power Products, Inc.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com