Electronic Components Datasheet Search
  English  ▼

X  

2SC5195 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5195
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5195 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5195 Datasheet HTML 1Page - Renesas Technology Corp 2SC5195 Datasheet HTML 2Page - Renesas Technology Corp 2SC5195 Datasheet HTML 3Page - Renesas Technology Corp 2SC5195 Datasheet HTML 4Page - Renesas Technology Corp 2SC5195 Datasheet HTML 5Page - Renesas Technology Corp 2SC5195 Datasheet HTML 6Page - Renesas Technology Corp 2SC5195 Datasheet HTML 7Page - Renesas Technology Corp 2SC5195 Datasheet HTML 8Page - Renesas Technology Corp 2SC5195 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2SC5195
3
050
Ambient Temperature TA (°C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Free Air
100
150
50
100
150
0
0.5
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VCE = 1 V
1
0.01
0.1
1
10
100
0.1
1
0.2
2
20
50
5
0.5
Collector Current IC (mA)
10
100
100
0
200
VCE = 1 V
DC CURENT GAIN vs.
COLLECTOR CURRENT
0
2.5
5
7
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
10
20
30
5
15
25
200 A
µ
180 A
µ
160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
IB = 20 A
µ
0
1
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
VCE = 1 V
f = 2 GHz
7
23
5
10
20
5
10
0
1
Collector Current IC (mA)
INSERTION GAIN vs.
COLLECTOR CURRENT
VCE = 1 V
f = 2 GHz
7
23
5
10
20
5
10
TYPICAL CHARACTERISTICS (TA = 25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com