Electronic Components Datasheet Search
  English  ▼

X  

6361 Datasheet(PDF) 6 Page - Anderson Power Products, Inc.

Part # 6361
Description  SBE® 320 / SBX® 350 Connectors Up to 550 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

6361 Datasheet(HTML) 6 Page - Anderson Power Products, Inc.

  6361 Datasheet HTML 1Page - Anderson Power Products, Inc. 6361 Datasheet HTML 2Page - Anderson Power Products, Inc. 6361 Datasheet HTML 3Page - Anderson Power Products, Inc. 6361 Datasheet HTML 4Page - Anderson Power Products, Inc. 6361 Datasheet HTML 5Page - Anderson Power Products, Inc. 6361 Datasheet HTML 6Page - Anderson Power Products, Inc. 6361 Datasheet HTML 7Page - Anderson Power Products, Inc. 6361 Datasheet HTML 8Page - Anderson Power Products, Inc. 6361 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
- 120 -
All Data Subject To Change Without Notice
www.andersonpower.com
4803G3
4802G3
4827G6
Socket Locations
A
B
PPMX Auxiliary Connector
The PPMX auxiliary connector allows up to 8 auxiliary circuits to be used in the SBE®, SBO®, &
SBX® housings. There are 4 auxiliary circuits per PPMX connector and two PPMX housings fit
into the auxiliary port in the main connector housing. Rated up to 7 amps 300 volts per contact,
the genderless design holds two each gold plated pin & socket contacts. This innovation allows
the very durable and cost effective design of SBE®, O, X connectors to be used for applications
requiring up to 8 battery monitoring or equipment vehicle communication circuits. (2) Retaining
Pins or (1) Retaining Clip is required to hold the auxiliary housing in place.
Auxiliary Kits includes: (1) Auxiliary Housing, (2) Pin Contacts, and (2) Socket Contacts.
Description
AWG
mm²
Part Numbers
Minimum Quantity
1,000
100
25
PPMX Auxiliary Kit
24 to 20 0.50 to 0.25
-
4850G6 -
1x4 Auxiliary Housing Contacts Sold Separately 4827G6-BK
-
4827G6
* No extraction tool required for contact removal.
Pin & Socket Contacts for PPMX Auxiliary Connector
Gold plated contacts are ideal for signal or low power use with durability
up to 5,000 mating cycles.
Description
AWG
mm²
Part Numbers
Minimum Quantity
2,000
50
Pin Contacts
24 to 20 0.50 to 0.25
4803G3-BK
4803G3
Socket Contacts
24 to 20 0.50 to 0.25
4802G3-BK
4802G3
Retaining Clip
Retaining clips can be used in place of two retaining pins to hold auxiliary
connectors or air tubes. Allows easier removal of auxiliary modules.
Description
Part Number
Minimum Quantity
100
For SBE® 320 & SBX® 350
2-8675P1
Retaining Pins
Retaining pins are used to hold accessories in the auxiliary port in SBE®, SBO®, & SBX®
housings. Dimension “B” is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
Part Number
inches
mm
inches mm
Minimum Quantity
1,000
For SBE® 320 & SBX® 350
110G59-BK
0.093 / 0.103 2.36 / 2.62
1.000
25.40



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com