Electronic Components Datasheet Search
  English  ▼

X  

2SC5754 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5754
Description  NPN SILICON RF TRANSISTOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5754 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5754 Datasheet HTML 5Page - Renesas Technology Corp 2SC5754 Datasheet HTML 6Page - Renesas Technology Corp 2SC5754 Datasheet HTML 7Page - Renesas Technology Corp 2SC5754 Datasheet HTML 8Page - Renesas Technology Corp 2SC5754 Datasheet HTML 9Page - Renesas Technology Corp 2SC5754 Datasheet HTML 10Page - Renesas Technology Corp 2SC5754 Datasheet HTML 11Page - Renesas Technology Corp 2SC5754 Datasheet HTML 12Page - Renesas Technology Corp 2SC5754 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet PU10008EJ02V0DS
7
2SC5754
POWER SUPPLY IMPEDANCE, LOAD IMPEDANCE (Recommended value)
Frequency
f (GHz)
Collector to Emitter Voltage
VCE (V)
Supply Impedance
ZS (
Ω)
Load Impedance
ZL (
Ω)
0.9
2.8 to 3.6
8.4
− 5.2 j
15.1
− 4.3 j
1.8
2.8 to 3.6
6.3
− 16.4 j
15.8
− 6.9 j
2.4
2.8 to 3.6
5.9
− 22.1 j
15.2
− 17.9 j
GND
GND
RF output line
RF input line
B
E
E
C
ZS
ZL
ZS
Tr.
ZL
f = 0.9 GHz
ZS
ZL
f = 1.8 GHz
ZS
ZL
f = 2.4 GHz
ZS
ZL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com