Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC856
Description  65 V, 100 mA NPN general-purpose transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC856 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
BC846x series
65 V, 100 mA NPN general-purpose transistors
5. Pinning information
Table 3. Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
1
2
3
sym021
C
E
B
6. Ordering information
Table 4. Ordering information
Package
Type number
Name
Description
Version
BC846
BC846A
BC846B
TO-236AB
Plastic surface-mounted package; 3 leads
SOT23
7. Marking
Table 5. Marking
Type number
Marking code[1]
BC846
1D%
BC846A
1A%
BC846B
1B%
[1] % = placeholder for manufacturing site code
BC846X_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 1 July 2022
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com