Electronic Components Datasheet Search
  English  ▼

X  

BCP54_SER Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BCP54_SER
Description  45 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP54_SER Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BCP54_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP54_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BCP54 series
45 V, 1 A NPN medium power transistors
Rev. 9 — 6 January 2023
Product data sheet
1. General description
NPN medium power transistors in a SOT223 (SC-73) flat lead Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• High collector current capability IC and ICM
• Three current gain selections
• High power dissipation capability
• AEC-Q101 qualified
3. Applications
• Linear voltage regulators
• MOSFET drivers
• Low-side switches
• Battery-driven devices
• Power management
• Amplifiers
4. Quick reference data
Table 1. Quick reference data
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
45
V
IC
collector current
-
-
1
A
ICM
peak collector current
single pulse; tp ≤ 1 ms
-
-
2
A
DC current gain
BCP54
[1]
63
-
250
BCP54-10
[1]
63
-
160
hFE
BCP54-16
VCE = 2 V; IC = 150 mA
[1]
100
-
250
[1] pulsed; tp ≤ 300 μs; δ ≤ 0.02


Similar Part No. - BCP54_SER

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCP54-10 SIEMENS-BCP54-10 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Infineon Technologies A...
BCP54-10 INFINEON-BCP54-10 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
NXP Semiconductors
BCP54-10 NXP-BCP54-10 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BCP54-10 NXP-BCP54-10 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54-10 PHILIPS-BCP54-10 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
More results

Similar Description - BCP54_SER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
EPCOS
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
45 V, 1 A NPN medium power transistors
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BC54PA_SER NEXPERIA-BC54PA_SER Datasheet
252Kb / 13P
45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com