Electronic Components Datasheet Search
  English  ▼

X  

BCV48 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BCV48
Description  PNP Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCV48 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BCV48 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCV48 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BCV48
PNP Darlington transistor
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BCV48
SOT89
plastic, surface-mounted package; 3 leads; 1.5 mm pitch;
4.5 mm x 2.5 mm x 1.5 mm body
SOT89
7. Marking
Table 4. Marking codes
Type number
Marking code
BCV48
EE
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
-80
V
VCES
collector-emitter voltage VBE = 0 V
-
-60
V
VEBO
emitter-base voltage
open collector
-
-10
V
IC
collector current
-
-500
mA
ICM
peak collector current
-
-800
mA
IBM
peak base current
single pulse; tp ≤ 1 ms
-
-100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
1.3
W
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for collector 6 cm2.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
96
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
16
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
BCV48
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
6 April 2023
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com