Electronic Components Datasheet Search
  English  ▼

X  

8P2SMA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 8P2SMA
Description  8 A RESIN MOLD TYPE SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8P2SMA Datasheet(HTML) 3 Page - Renesas Technology Corp

  8P2SMA Datasheet HTML 1Page - Renesas Technology Corp 8P2SMA Datasheet HTML 2Page - Renesas Technology Corp 8P2SMA Datasheet HTML 3Page - Renesas Technology Corp 8P2SMA Datasheet HTML 4Page - Renesas Technology Corp 8P2SMA Datasheet HTML 5Page - Renesas Technology Corp 8P2SMA Datasheet HTML 6Page - Renesas Technology Corp 8P2SMA Datasheet HTML 7Page - Renesas Technology Corp 8P2SMA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
THYRISTORS
8P2SMA, 8P4SMA
8 A RESIN MOLD TYPE SCR
DATA SHEET
Document No. D17164EJ4V0DS00 (4th edition)
Date Published October 2008 NS
Printed in Japan
1988
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The 8P2SMA and 8P4SMA are resin mold type SCRs with an
average on-state current 8 A (TC = 88
°C), repetitive peak off-
state voltage 200 V and 400 V.
FEATURES
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit
APPLICATIONS
• Motor speed control for household appliance
• Temperature control for heater and constant temperature box
• Constant voltage power source and battery charger
• Automotive application such as regulator
• Various solid state relay, etc.
PACKAGE DRAWING (Unit: mm)
10.5 MAX.
7 ±0.2
3.2 ±0.2
φ
3.0 MAX.
1.3 ±0.2
0.8 ±0.1
2.54 TYP.
2.54 TYP.
1.5 ±0.2
4.7 MAX.
2.5 ±0.1
0.5 ±0.1
12 3
1: Cathode
2: Anode
3: Gate
Standard weight: 2 g
*
*
: TC test bench-mark
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com