Electronic Components Datasheet Search
  English  ▼

X  

PUMB20 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PUMB20
Description  PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB20 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PUMB20 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUMB20 Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PEMB20_PUMB20_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 1 September 2009
7 of 11
NXP Semiconductors
PEMB20; PUMB20
PNP/PNP resistor-equipped transistors; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
Fig 6.
Package outline SOT666
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
04-11-08
06-03-16
IEC
JEDEC
JEITA
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT666
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
6
Plastic surface-mounted package; 6 leads
SOT666
YS
w M A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com