Electronic Components Datasheet Search
  English  ▼

X  

PDZ10B Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PDZ10B
Description  Single Zener diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDZ10B Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PDZ10B Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDZ10B Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Nexperia
PDZ-B series
Single Zener diodes
006aab246
10- 1
10- 2
10
1
102
IZ
(mA)
10- 3
VZ (V)
0
5
4
2
3
1
VZ(nom) (V) = 2.4
2.7
3.0
3.3
3.6
3.9
4.3
PDZ2.4B to PDZ4.3B
Tj = 25 °C
Fig. 5. Working current as a function of working
voltage; typical values
006aab247
10- 1
10- 2
10
1
102
IZ
(mA)
10- 3
VZ (V)
0
14
10
12
8
6
2
4
VZ(nom) (V) = 4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
PDZ4.7B to PDZ12B
Tj = 25 °C
Fig. 6. Working current as a function of working
voltage; typical values
aaa-026621
10 -1
10 -2
10
1
102
IZ
(mA)
10 -3
VZ (V)
10
40
30
20
VZ(nom) (V) = 13
18
20
22
24
27
30
33
36
15
16
PDZ13B to PDZ36B
Tj = 25 °C
Fig. 7. Working current as a function of working voltage; typical values
PDZ-B_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 21 December 2022
6 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com