Electronic Components Datasheet Search
  English  ▼

X  

PDZ12B Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PDZ12B
Description  Single Zener diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDZ12B Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PDZ12B Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDZ12B Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PDZ-B series
Single Zener diodes
Rev. 5 — 21 December 2022
Product data sheet
1. General description
Low-power general purpose voltage regulator diodes in a very small SOD323 (SC-76) Surface-
Mounted Device (SMD) plastic package.
2. Features and benefits
• Total power dissipation: Ptot ≤ 400 mW
• Small plastic package suitable for surface mounted design
• Wide variety of voltage ranges: nominal 2.4 V to 36 V (E24 range)
• Tolerance approximately ± 2 %
• PDZ5.1B - 10B: Very low dynamic impedances at low currents, very low leakage current, hard
breakdown knee
3. Applications
• General voltage regulation
4. Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 10 mA
[1]
-
-
0.9
V
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
-
400
mW
[1] Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.


Similar Part No. - PDZ12B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDZ12B PHILIPS-PDZ12B Datasheet
63Kb / 8P
Voltage regulator diodes
1998 Apr 23
logo
Pan Jit International I...
PDZ12B PANJIT-PDZ12B Datasheet
117Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PDZ12B PANJIT-PDZ12B Datasheet
294Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
NXP Semiconductors
PDZ12B PHILIPS-PDZ12B Datasheet
192Kb / 9P
Voltage regulator diodes
2004 Mar 22
PDZ12B NXP-PDZ12B Datasheet
143Kb / 9P
Total power dissipation: max. 400 mW
2004 Mar 22
More results

Similar Description - PDZ12B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
NZX NXP-NZX Datasheet
67Kb / 12P
Single Zener diodes
Rev. 02-3 June 2009
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
Single Zener diodes
Rev. 2-1 August 2011
TDZ2V4J PHILIPS-TDZ2V4J Datasheet
247Kb / 12P
Single Zener diodes
Rev. 2-29 July 2011
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
Single Zener diodes
Rev. 4-28 November 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
Single Zener diodes
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
Single Zener diodes
Rev. 01 - 27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com