Electronic Components Datasheet Search
  English  ▼

X  

BC847AMB Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BC847AMB
Description  45 V, 100 mA NPN general-purpose transistors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC847AMB Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BC847AMB Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC847AMB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© Nexperia B.V. 2017. All rights reserved
BC847XMB_SER
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 5 March 2012
4 of 14
Nexperia
BC847xMB series
45 V, 100 mA NPN general-purpose transistors
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
500
K/W
FR4 PCB, standard footprint
Fig 2.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aab603
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com